Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SEA05TR
Description  Advanced constant voltage and constant current controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05TR Datasheet(HTML) 5 Page - STMicroelectronics

  SEA05TR Datasheet HTML 1Page - STMicroelectronics SEA05TR Datasheet HTML 2Page - STMicroelectronics SEA05TR Datasheet HTML 3Page - STMicroelectronics SEA05TR Datasheet HTML 4Page - STMicroelectronics SEA05TR Datasheet HTML 5Page - STMicroelectronics SEA05TR Datasheet HTML 6Page - STMicroelectronics SEA05TR Datasheet HTML 7Page - STMicroelectronics SEA05TR Datasheet HTML 8Page - STMicroelectronics SEA05TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SEA05
Application information
Doc ID 17014 Rev 1
5/10
5
Application information
Figure 4.
Application information
Note:
A 15
Ω resistor in series to Ictrl pin helps to protect the IC in case of negative voltage that
exceed the AMR of Ictrl pin.
As example a potential dangerous phenomenon could happen during converter output
short-circuit.
Consider the steady state operation of the circuit during voltage mode regulation (i.e. the
output is at its nominal voltage). The output capacitor is fully charged at Vo. If an abrupt
short (i.e. with negligible impedance) is applied at the output, instantly the positive pin of the
electrolytic capacitor is connected to the SEA05 ground. Since the capacitor acts like a
battery, all its voltage is applied across the Rsense pin and therefore the Ictrl pin is pulled
down to –Vo. This could damage the IC in case the Ictrl pin AMR is violated.
In reality the short is not so severe because it has a some impedance, the electrolytic
capacitor has an ESR and it starts discharging as soon as the short is applied. The Ictrl pin
is brought to a negative voltage anyway. The pin internal structure has been design to be
robust against negative voltage but, since the severity of this phenomenon is proportional to
the output voltage, for some applications an external resistor in series with Ictrl pin helps
protect the IC.
The resistor added in series with Ictrl pin introduces an error in the current sense threshold
voltage.
This error can be calculated considering the Ictrl pin current: this current multiplied by the
value of the external resistor gives the current sense threshold variation.
As example if we add a 15
Ω resistor in series to Ictrl pin, we have
Ictrl current = Ibias = 6 µA and therefore the error
6 µA x 15
Ω = 80 µV, the error is 80 µV / 50 mV = 0.16%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com