Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32 Datasheet(PDF) 3 Page - Littelfuse

Part # HT32
Description  Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT32 Datasheet(HTML) 3 Page - Littelfuse

  HT32 Datasheet HTML 1Page - Littelfuse HT32 Datasheet HTML 2Page - Littelfuse HT32 Datasheet HTML 3Page - Littelfuse HT32 Datasheet HTML 4Page - Littelfuse HT32 Datasheet HTML 5Page - Littelfuse HT32 Datasheet HTML 6Page - Littelfuse HT32 Datasheet HTML 7Page - Littelfuse HT32 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
339
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
339
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
HTxxx & HTMxxx & STxxx Series
Standard Bidirectional DIAC Trigger
Figure 1: V-I Characteristics
Figure 2: Typical DIAC/Triac Full-wave Phase Control
Circuit
120 V ac
60 Hz
Resistive Load
3.3 k
200 k
0.1 μF
100 V
Diac
Triac
MT2
MT1
G
Figure 3: Repetitive Peak On-state Current vs. Pulse Duration
12
4
0
0
0
0
1
0
0
0
4
0
0
0
2
0
0
0
1
0
0
4
0
0
2
6
.001
.002
.003
.005
0.1
0.2
0.3
3.0
0.5
5.0
.01
0.02
0.03
0.05
1.0
10
2.0
Base Pulse Duration – μs
Safe Operating
Area
10
20
40 60 100
PULSE REPETITION RATE = 120 pps
T
A = 40 ˚C
HT-60
HTM-32B
HT-32x, -34x, -35, -36x, -40
HT-5761, -5761A, -5762
ST-32x, -34x, -35, -36x, -40
Figure 4: Normalized V
BO Change
vs. Junction Temperature
-8%
-6%
-4%
-2%
0%
2%
4%
6%
-40
-20
0
20
40
60
80
100
120
140
Junction Temperature (T
J) -- °C
Figure 5:Test Circuit Waveforms
(Refer to Figure 5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com