Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32 Datasheet(PDF) 5 Page - Littelfuse

Part # HT32
Description  Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT32 Datasheet(HTML) 5 Page - Littelfuse

  HT32 Datasheet HTML 1Page - Littelfuse HT32 Datasheet HTML 2Page - Littelfuse HT32 Datasheet HTML 3Page - Littelfuse HT32 Datasheet HTML 4Page - Littelfuse HT32 Datasheet HTML 5Page - Littelfuse HT32 Datasheet HTML 6Page - Littelfuse HT32 Datasheet HTML 7Page - Littelfuse HT32 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
341
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
341
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
HTxxx & HTMxxx & STxxx Series
Standard Bidirectional DIAC Trigger
Physical Specifications
Terminal Finish
100% Matte-Tin Plated/ Pb-Free Solder
Dipped
Body Material
DO-214: UL recognized epoxy meeting
flammabilty classification 94V-0.
DO-35/MINIMELF: Glass case body
Lead Material
DO-214: Copper Alloy
DO-35/MINIMELF: Copper Clad Iron
Reliability/Environmental Tests
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750, M-1040, Cond A Applied
80% of Rated Min V
BO (VAC-peak) @
125°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051,
100 cycles; -40°C to +150°C;
15-min dwell-time
Temperature/
Humidity
EIA / JEDEC, JESD22-A101
1008 hours; 80% of Rated Min V
BO (VDC):
85°C; 85%
rel humidity
High Temp Storage
MIL-STD-750, M-1031,1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
MIL-STD-750, M-1056
10 cycles; 0°C to 100°C; 5-min dwell
time at each temperature; 10 sec (max)
transfer time between temperature
Autoclave
EIA / JEDEC, JESD22-A102 168 hours
(121°C at 2 ATMs) and 100% R/H
Resistance to
Solder Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
Burn-in
1 firing per 1/2 cycle, 168 hours
Dimensions – MINIMELF / SOD-80 (MM Package)
A
C
C
D
B
.002 E-F
E
F
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.125
0.134
0.142
3.18
3.40
3.61
B
0.066
0.068
0.070
1.68
1.73
1.78
C
0.012
0.018
0.020
0.30
0.46
0.51
D
—
0.063
—
—
1.60
—
Design Considerations
Dimensions – DO-35 (Y Package)
C
B
B
A
E
TYP.
D (TYP.)
Dimension
Inches
Millimeters
Min
Max
Min
Max
A (Note 1)
0.060
0.090
1.530
2.280
B (Note 2)
0.015
0.381
C (Note 1)
0.135
0.165
3.430
4.190
D
0.018
0.022
0.458
0.558
E
1.000
25.400
Notes:
1. Package contour optional within dimensions A and C. Slugs, if any, shall be included
within this cylinger but shall not be subject to
the minimum limit of Dimention A.
2. Lead diameter is not controlled in this zone to allow for flash, lead finish build-up and
minor irregularities other than slugs.
Careful selection of the correct device for the application’s
operating parameters and environment will go a long
way toward extending the operating life of the Thyristor.
Overheating and surge currents are the main killers of
DIACs. Correct mounting, soldering, and forming of the
leads also help protect against component damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com