Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32 Datasheet(PDF) 1 Page - Littelfuse

Part # HT32
Description  Standard Bidirectional DIAC Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HT32 Datasheet(HTML) 1 Page - Littelfuse

  HT32 Datasheet HTML 1Page - Littelfuse HT32 Datasheet HTML 2Page - Littelfuse HT32 Datasheet HTML 3Page - Littelfuse HT32 Datasheet HTML 4Page - Littelfuse HT32 Datasheet HTML 5Page - Littelfuse HT32 Datasheet HTML 6Page - Littelfuse HT32 Datasheet HTML 7Page - Littelfuse HT32 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
337
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
337
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
HTxxx & HTMxxx & STxxx Series
Standard Bidirectional DIAC Trigger
HTxxx & HTMxxx & STxxx Series
The HTM, HT, and ST series of bilateral trigger DIACs offer
a range of voltage characteristics from 27V to 70V. A DIAC
semiconductor is a full-wave or bidirectional Thyristor. It is
triggered from a blocking state to a conduction state for
either polarity of applied voltage whenever the amplitude of
applied voltage exceeds the breakover voltage of the DIAC.
Description
Features & Benefits
compliant
junctions
selections
junction contamination
ST Series:
(DO-214)
bonded die attachment
HTM/HT Series:
package
Schematic Symbol
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
I
TRM
Pulse On-State Current
120PPS, T
A ≤ 40°C
pulse width = 10 μS
2
A
1.5(*)
T
S
Storage Temperature Range
-40
+125
°C
T
J
Operating Junction Temperature
-40
+125
°C
P
D(AV)
Device Power Dissipation
T
A = -40°C to +40°C
See Product
Selector Table
mW
(*)Only Applies to HT-60
Notes:
1. Service Dissipation (at T
A= -40°C to +40°C): 250mW for DO-35 and MINIMELF/SOD-80
and 300mW for DO214
2. Above +40°C, Derate: 3.6mW/°C for DO-35 and MINIMELF/SOD-80
and 3mW/°C for DO214
DIACs are used to trigger Triacs and SCRs in phase control
circuits for lamp dimming, universal motor speed control,
and heat control. They are used also for triggering
transistors in solid state ballast lighting controls.
Applications


Similar Part No. - HT32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
HT32F12366 HOLTEK-HT32F12366 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
More results

Similar Description - HT32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Littelfuse
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
ST36A LITTELFUSE-ST36A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com