Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2001 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC2001
Description  256KB Asynchronous Secondary Cache Module for PowerPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2001 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC2001 Datasheet HTML 1Page - Motorola, Inc MPC2001 Datasheet HTML 2Page - Motorola, Inc MPC2001 Datasheet HTML 3Page - Motorola, Inc MPC2001 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN ASSIGNMENT
136–LEAD DIMM
CASE 1104–01
TOP VIEW
PD0
PD1
DQ0
DQ1
VCC
DQ4
DQ6
NC
DQ8
DQ10
VSS
NC
VSS
DQ14
VCC
DQ16
DQ17
DQ19
DQ21
VCC
NC
DQ24
DQ26
DQ28
VSS
DQ31
NC
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
VSS
PD2
VCC
DQ2
DQ3
DQ5
DQ7
VSS
DQ9
DQ11
DQ12
VSS
DQ13
DQ15
NC
VSS
DQ18
DQ20
DQ22
DQ23
VSS
DQ25
DQ27
DQ29
DQ30
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
W6
DQ32
DQ33
VSS
DQ36
DQ38
DQ39
DQ40
VCC
DQ43
DQ45
DQ46
NC
VSS
NC
VSS
DQ52
DQ53
DQ55
NC
VCC
DQ58
DQ60
DQ62
NC
A0
A2
A4
A6
A8
A10
A12
A14
VSS
W7
E1
DQ34
DQ35
DQ37
VCC
NC
DQ41
DQ42
DQ44
VSS
DQ47
DQ48
DQ49
VSS
DQ50
DQ51
DQ54
DQ56
VSS
DQ57
DQ59
DQ61
DQ63
VCC
A1
A3
A5
A7
ALE
A9
A11
A13
NC
W0
W2
NC
NC
E0
W1
W3
G0
NC
W4
G1
W5
VCC
VSS
VSS
VSS
PIN NAMES
A0 – A14
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
W0 – W7
Byte Write
. . . . . . . . . . . . . . . . . . . . . . . . . .
E0, E1
Module Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G0, G1
Module Output Enable
. . . . . . . . . . . . . . . . .
DQ0 – DQ63
Cache Data Input/Output
. . . . . . . . . .
PD0 – PD2
Presence Detect
. . . . . . . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . . . . . . . . . . . .
ALE
Address Latch Enable
. . . . . . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . . . . . . . . .
MPC2001
2
MOTOROLA FAST SRAM
PD2
PD1
PD0
Cache
Size
Module
NC
VSS
NC
256KB
MPC2001SG12
NC
VSS
VSS
256KB
MPC2001SG15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com