Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2001 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC2001
Description  256KB Asynchronous Secondary Cache Module for PowerPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2001 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC2001 Datasheet HTML 1Page - Motorola, Inc MPC2001 Datasheet HTML 2Page - Motorola, Inc MPC2001 Datasheet HTML 3Page - Motorola, Inc MPC2001 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPC2001
1
MOTOROLA FAST SRAM
256KB Asynchronous
Secondary Cache Module for
PowerPC
™
The MPC2001 is designed to provide asynchronous 256KB L2 cache for the
PowerPC 60x processors. The module is configured as 32K x 64 bits in a 136
pin dual readout single inline memory module (DIMM). The module uses eight
of Motorola’s MCM6206 CMOS RAMs.
Eight write enables are provided for byte write control.
The cache is designed to interface with the PowerPC 60x bus and requires ex-
ternal tag.
PD0 – PD2 are reserved for density and speed identification.
The cache is plug and pin compatible with Motorola’s MPC2002 and MPC2003
BurstRAM
™ synchronous cache modules.
• Dual Readout SIMM (DIMM) for Circuit Density
• Single 5 V ± 5% Power Supply
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Byte Write Capability
• Decoupling Capacitors for each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• Fast SRAM Access Times 12 ns, 15 ns
• Low Cost Asynchronous Solution for MPC105 PCI Bridge/Memory Controller Chip
BurstRAM is a trademark of Motorola.
PowerPC and PowerPC 601 are trademarks of International Business Machines Corp.
Order this document
by MPC2001/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2001
(Formerly MCM64AC32)
136–LEAD DIMM
CASE 1104–01
TOP VIEW
68
35
34
1
5/95
© Motorola, Inc. 1995


Similar Part No. - MPC2001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG60 MOTOROLA-MPC2002SG60 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG66 MOTOROLA-MPC2002SG66 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2003SG50 MOTOROLA-MPC2003SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results

Similar Description - MPC2001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
256KB Secondary Cache Module
MCM64AF32 MOTOROLA-MCM64AF32 Datasheet
190Kb / 12P
256K Asynchronous Secondary Cache Module for Pentium
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2605 MOTOROLA-MPC2605 Datasheet
288Kb / 30P
Integrated Secondary Cache for PowerPC Microprocessors
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
128KB/256KB Secondary Cache Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com