Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2001 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC2001
Description  256KB Asynchronous Secondary Cache Module for PowerPC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2001 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC2001 Datasheet HTML 1Page - Motorola, Inc MPC2001 Datasheet HTML 2Page - Motorola, Inc MPC2001 Datasheet HTML 3Page - Motorola, Inc MPC2001 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPC2001
3
MOTOROLA FAST SRAM
MPC2001 BLOCK DIAGRAM
Asynchronous 136 Pin DIMM
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
A0 – A1
E0
2
G0
DQ0 – DQ7
W0
8
A2 – A14
74F373
ALE
A2 – A14
13
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ8 – DQ15
W1
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ16 – DQ23
W2
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ24 – DQ31
W3
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
E1
G1
DQ32 – DQ39
W4
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ40 – DQ47
W5
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ48 – DQ55
W6
8
A2 – A14
W
32K x 8
A0 – A1
G
E
DQ0 – DQ7
DQ56 – DQ63
W7
8
A2 – A14
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (SG = Gold Pad SIMM)
Speed (12 = 12 ns, 15 = 15 ns)
MPC
2001
XX
XX
Full Part Numbers — MPC2001SG12
MPC2001SG15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com