Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2004 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC2004
Description  256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2004 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC2004 Datasheet HTML 1Page - Motorola, Inc MPC2004 Datasheet HTML 2Page - Motorola, Inc MPC2004 Datasheet HTML 3Page - Motorola, Inc MPC2004 Datasheet HTML 4Page - Motorola, Inc MPC2004 Datasheet HTML 5Page - Motorola, Inc MPC2004 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPC2004
•MPC2005
6–1
MOTOROLA FAST SRAM
Advance Information
256KB and 512KB BurstRAM
™
Secondary Cache Modules for
PowerPC
™ PReP/CHRP Platforms
The MPC2004 and MPC2005 are designed to provide burstable, high perfor-
mance 256KB/512KB L2 cache for the PowerPC 60x microprocessor family in
conformance with the PowerPC Reference Platform (PReP) and the PowerPC
Common Hardware Reference Platform (CHRP) specifications. The modules
are configured as 32K x 72 and 64K x 72 bits in a 182 (91 x 2) pin DIMM format.
Each module uses four of Motorola’s 5 V 32K x 18 or 64K x 18 BurstRAMs and
a 5 V cache tag RAM configured as 16K x 12 for tag field plus 16K x 2 for valid and
dirty status bits.
Bursts can be initiated with the SRAMADS signal. Subsequent burst address-
es are generated internal to the BurstRAM by the SRAMCNTEN signal.
Write cycles are internally self timed and are initiated by the rising edge of the
clock (CLKx) inputs. Eight write enables are provided for byte write control.
Presence detect pins are available for auto configuration of the cache control.
A serial EEPROM is optional to provide more in–depth description of the
cache module.
The module family pinout will support 5 V and 3.3 V components for a clear path
to lower voltage and power savings. Both power supplies must be connected.
These cache modules are plug and pin compatible with the MPC2006, a 1MB
synchronous module also designed for the PReP and CHRP specifications.
They are also compatible with the MPC2007 and MPC2009, 256KB and 1MB re-
spectively, asynchronous cache modules.
• PowerPC–style Burst Counter on Chip
• Flow–Through Data I/O
• Module Requires Both 3.3 V and 5 V Power Supplies
• Multiple Clock Pins for Reduced Loading
• All Cache Data and Tag I/Os are LVTTL (3.3 V) Compatible
• Three State Outputs
• Byte Write Capability
• Fast Module Clock Rates: 66 MHz
• Fast SRAM Access Times: 10 ns for Tag RAM Match
9 ns for Data RAM
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• 182 Pin Card Edge Module
• Burndy Connector, Part Number: ELF182JSC–3Z50
BurstRAM is a trademark of Motorola.BurstRAM is a trademark of Motorola.
PowerPC is a trademark of International Business Machines Corp.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MPC2004/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPC2004
MPC2005
5/95
© Motorola, Inc. 1995


Similar Part No. - MPC2004

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results

Similar Description - MPC2004

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com