Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
L9758
Electrical characteristics
Doc ID 14273 Rev 3
17/29
4.7
VKAM linear regulator
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
4.8
VSTBY linear regulator
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 13.
VKAM linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VKAM
Output voltage
0.1mA < IVKAM < 10mA, VPROG1 = Low
4.0V < VBAT < 18V
0.1mA < IVKAM < 10mA, VPROG1 =Open
4.0V < VBAT< 18V
0.9
1.37
-
1.1
1.65
V
CVKAM
ESR
Output capacitor
Ceramic
0.1
0
-
4.7
20
µF
m
Ω
RRVKAM
Ripple rejection
F=375 kHz
26
-
dB
VKAM_M
Maximum overshoot
(absolute value
relative to GND)
0.1 mA < IVKAM < 10 mA, VPROG1 = Low
4V < VBAT < 18 V
0.1 mA < IVKAM < 10 mA, VPROG1 =Open
4V < VBAT< 18 V
--
1.2
1.7
V
Iddkamsh
Current limit
VKAM = 0.5 V
11
-
50
mA
IKAM
Load current
-
0.1
-
10
mA
VKAMlineR
Line regulation
6 V < VBAT < 18 V
-25
-
+25
mV
VKAMloadR
Load regulation
0.1 mA < IKAM < 10 mA
-25
-
+25
mV
Table 14.
VSTBY linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSTBY
Output voltage
0.1 mA < ISTBY < 10 mA, VPROG2 = Low
4 V < VBAT< 18 V
0.1 mA < ISTBY < 10 mA, VPROG2 = Open
4 V < VBAT< 18 V
2.47
3.13
-
2.73
3.47
V
CSTBY
ESR
Output capacitor
Ceramic
0.1
0
-
10
20
µF
m
Ω
RRSTBY
Ripple rejection
F = 350 kHz
26
-
-
dB
VSTBY_M
Maximum overshoot
(absolute value
relative to GND)
0.1 mA < ISTBY < 10 mA, VPROG2 = Low
4 V < VBAT< 18 V
0.1 mA < ISTBY < 10 mA, VPROG2 = Open
4 V < VBAT< 18 V
--
3.05
3.75
V
ISTBYsh
Current limit
VSTBY = 0.5 V
11
-
50
mA
ISTBY
Load current
-
0.1
-
10
mA
VSTBYlineR
Line regulation
6 V < VBAT <18 V
-25
-
+25
mV
VSTBYloadR
Load regulation
0.1 mA < ISTBY < 10 mA
-25
-
+25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com