Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics L9758 Datasheet HTML 27Page - STMicroelectronics L9758 Datasheet HTML 28Page - STMicroelectronics L9758 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
L9758
Operating modes
Doc ID 14273 Rev 3
25/29
rate of the common voltage reference so the slew is different for each regulator because all
start together and reach the steady-state at the same time but with different voltage levels.
6.3
Power down
The power down sequence starts when both IGN and PSU_EN signal are low. In this phase
there is no control of the linear regulator output voltages. The falling slew-rate is defined
from load currents and load capacitors. A voltage comparator controls VDDL voltage and
ensures that the VDDL supply voltage will drop below 2V before initiating a new power-up
sequence.
Figure 4.
Power up/down sequence
6.4
Low voltage operation
When L9758 is up and running it is fully operational with the VBAT and VBAT_SW pin
voltages down to VLVI_LOW. When L9758 is up and running and the supply voltages are less
than 5.5V and are greater or equal to VLVI_LOW if the boost option is used the device is fully
operational. If only the buck regulator is used the L9758 operates as follow:
●
Switching regulator runs at 100% duty cycle
●
VKAM and VSTBY regulators are fully operational
●
VDDL fully operational
●
VCORE fully operational
●
VDD5 out of range with output voltage no less than 3.2V
●
Tracking regulators out of range with output voltages no less than 3.2V
●
Reset monitor RST5 and RSTL fully operational, with reset at RST5 pin in allowed
IGN
or
PSU_EN
VB
Vth_Start
VDD5
VDDL
Inductor
current
Soft start
Slew rate
control
Current
limitation
VCORE
RST5
RSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com