Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
L9758
Functional description
Doc ID 14273 Rev 3
21/29
5
Functional description
5.1
General function
The L9758 is equipped with 9 linear voltage regulator. A buck boost switch mode power
supply as pre regulator for the 7 main regulators is used to reduce the power consumption in
the system.
Two standby regulators can be used to bias the system on off-mode. This to regulator’s are
equipped with a independent bandgap voltage reference. The current consumption of these
two linear regulators is specified with less than 120 µA in OFF state. I these standby
function is not used the current consumption on the battery can be reduced by not
connecting the VBAT. Under this condition the device enters immediately in the run mode,
the pin PSU_REN will lost his function. The quiescent current on the VBAT_SW can be
reduced to maximum 10 µA with 12 V battery voltage in off mode. The main regulators can
be activated with the IGN input. With a external resistor higher than 10 kohm in series to the
IGN pin a battery compliant signal can be used. In the function block diagram a resistor
value of 51 kohm is mention and a 100 nF capacitor for noise robustness on IGN.
5.2
Switching pre-regulator
The switching pre-regulator is a buck or a buck-boost current control mode regulator. The
optional boost operation for low battery conditions can be selected connecting external logic
level low side NCH FET and an external diode in series to the inductor.
The external parts required to complete the switching regulator are an inductor, recirculation
diode and input and output filtering capacitor. The compensation network is inside the
device.
With a constant switching frequency of 350 kHz, the pre-regulator controls the output
voltage (the voltage at the VB and FDBK pins) to the limits stated in the electrical
characteristics table varying the duty cycle. The 350 kHz are related to REXT = 10 kΩ (see
Section 5.8).
At low battery voltages, in buck configuration, the pre-regulator runs with the duty cycle up
to 100%. In buck-boost configuration normally it runs at 350 kHz but for a limited range of
input voltage it could enter in pulse skipping mode to control the output voltage.
A soft start function is implemented reducing the current limitation during the power-up
phase.
5.3
VDD5, VDDL and VCORE linear regulators
The VDD5 output is a fully integrated low drop out regulator. The VDDL and VCORE supplies
will be implemented via an external N-channel pass MOS, with the control being internal to
the IC. If the pass MOS is not used, two low current (max 30mA) regulator are available
connecting directly VDDL_FDBK to VDDL_DRV and VCORE_FDBK to VCORE_DRV with a
resistor divider.The output of the pre-regulator is used as the source of these supplies.
VDD5 is a fixed 5V nominal output, while VDDL and VCORE are programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com