Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-915-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-915-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-915-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-915-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
9
3.2. Detailed Electrical Specifications
The table below gives the specifications of the Wi.DP1205-XXX-R modules under the following conditions:
Supply voltage VDD = 3.3V, temperature = 25°C, frequency deviation ∆f = 5 kHz, Bit-rate = 4.8 kbit/s, base-band
filter bandwidth BWSSB = 10 kHz, carrier frequency fc = 434 MHz for the Wi.DP1205-433-R, fc = 869 MHz for
the Wi.DP1205-868-R and fc = 915 MHz for the Wi.DP1205-915-R, bit error rate BER = 0.1% (measured at the
output of the bit synchronizer), antenna output matched at 50 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Wi.DP1205-433-R
433
435
MHz
Wi.DP1205-868-R
868
870
MHz
FR
Synthesizer Frequency Range
Wi.DP1205-915-R
902
928
MHz
IDDSL
Sleep Mode Supply Current
0.2
1
mA
IDDST
Standby Mode Supply Current
39 MHz Running
.85
1.1
mA
IDDR
Rx Mode Supply Current
14
16.5
mA
IDDT
Tx Mode Supply Current
PRF = 5 dBm
33
40
mA
PRF = 15 dBm
62
75
mA
RFS
RF Sensitivity
A-mode
-113
-110
dBm
RFS_12
RF Sensitivity at 1.2 kbit/s
A-mode, BER = 0.1%
-118
-115
dBm
FDA
Frequency Deviation
Programmable
1
255
kHz
BR
Bit Rate
Programmable
1.2
152.3
Kb/s
RFOP
RF Output Power
RFOP1 (programmable)
-3
0
dBm
RFOP2 (programmable)
+2
+5
dBm
RFOP3 (programmable)
+7
+10
dBm
RFOP4 (programmable)
+12
+15
dBm
TS STR
Transmit Wake-up Time
From Oscillator Enabled
250
350
ms
TS_SRE
Receive Wake-up Time
From Oscillator Enabled
700
850
ms
TS_OS
Quartz Oscillator Wake-up Time
Fundamental
1
2
ms
XTAL
Quartz Oscillator Frequency
39
MHz
VIH
Digital Input Level High
% VDD
75
%
VIL
Digital Input Level Low
% VDD
25
%
Table 3, Detailed Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com