Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-915-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-915-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-915-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-915-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 15Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 17Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
13
7. Operating Modes
By default, the serial control interface is used for configuration. It is also possible to change between the four
modes (sleep, stand-by, receive, transmit) by using the two-bit signal SW (1:0). This option is enabled by setting
the bit MCParam_Select_mode to ‘1’ in the configuration register.
If MCParam_Select_mode is low, the modes are defined by the register through the SPI_CONFIG interface and
SW(1:0) may be used as an output to control, for example, an antenna switch.
MCParam_Select_Mode
Bit 5, Address 0
SWITCH (pin) SW(1:0)
MCParam_Chip_Mode Bit 7-6,
Address 0
Set in Output
Sleep Mode
-> SW(1:0) = “00”
00 ->Sleep Mode
Receive Mode
-> SW(1:0) = “01”
01 -> Receive Mode
Transmitter mode -> SW(1:0) = “10”
10 -> Transmitter mode
0
Stand-by Mode
-> SW(1:0) = “00”
11 -> Stand-by Mode
SW(1:0) = 00 ->Sleep Mode
SW(1:0) = 01 -> Receive Mode
SW(1:0) = 10 -> Transmitter mode
1
SW(1:0) = 11 -> Stand-by Mode
x
Table 6, Operating Modes
Chapter
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com