Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-915-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-915-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-915-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-915-R Datasheet HTML 4Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 5Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
7
2. Application Information
2.1. Pin-out Diagram
Figure 1: Pin-out Diagram
2.2. Pin Description
No.
Name
I/O
Description
1
GND
Ground
2
RF_IN_OUT
IN/ OUT
RF Input/ Output Terminal
3
GND
Ground
4
VDDA
Supply Voltage
5
GND
Ground
6
VDD
Supply Voltage
7
NSS_CONFIG
IN
SPI SELECT CONFIG
8
NSS_DATA
IN
SPI SELECT DATA/ DATAIN
9
IRQ0
OUT
Interrupt (PATTERN/FIFOEMPTY)
10
GND
Ground
11
GND
Ground
12
IRQ1
OUT
Interrupt (DCLK/FIFOFULL)
13
DATA
IN/ OUT
Data
14
CLKOUT
OUT
Output Clock at reference frequency divided by 2, 4, 8, 16, 32
15
MISO
OUT
SPI Master Input Slave Output
16
MOSI
IN
SPI Master Output Slave Input
17
SCK
IN
SPI CLOCK
18
SW(0)
IN/ OUT
Transmit/ Receive/ Standby/ Sleep Mode Select
19
SW(1)
IN/ OUT
Transmit/ Receive/ Standby/ Sleep Mode Select
Table 1, Module Pin Descriptions
Chapter
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com