Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT_HC49_U_STANDARD Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT_HC49_U_STANDARD
Description  family is available in industry standard package and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_U_STANDARD Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT_HC49_U_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACT HC49/U ( Standard Devices )
Issue: 9 SCB
Date 20-11-2012
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
48.0000
4.1943
7.1591
11.2896
19.6608
36.0000
4.0960
7.0000
11.0592
18.4320
40.0000
4.0320
6.5539
11.0000
18.0000
32.0000
4.0000
6.5536
10.7520
17.7345
32.7680
3.9322
6.4000
10.2450
16.9344
29.4912
3.6864
6.1760
10.0000
16.3840
30.0000
3.6000
6.1440
9.8304
16.0000
28.2240
3.5795
6.0000
9.2160
15.0000
28.6364
3.2768
5.7143
9.0000
14.7456
2.8224
5.1200
3.0000
5.1850
8.6724
14.3182
8.1920
14.0000
24.0001
60.0000
24.5760
64.0000
27.0000
2.0974
5.0000
7.6800
13.0000
25.0000
2.4576
5.0688
8.0000
13.8750
22.1184
56.4480
1.8432
4.4336
2.0000
4.9152
7.3728
12.2880
7.3728
12.0000
20.0000
50.0000
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Standard Frequencies (MHz)
Package / Packaging Options
With insulating washer
Cropped leads (3.5mm, 5mm, 7mm)
Tape and reel, see page 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com