Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT_HC49_U_STANDARD Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT_HC49_U_STANDARD
Description  family is available in industry standard package and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_U_STANDARD Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT_HC49_U_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fundamental & 3rd to 7th O/T
Please see table 1
100
µW typ
Drive Level Dependency
DLD
∆ Freq & ESR
0.01, 0.1, 1, 10, 50, 100 mW steps
Insulation Resistance
Table 1
ESR and mode of oscillation
Frequency (MHz)
ESR (
Ω) max
Frequency (MHz)
ESR (
Ω)
Mode
AT Fund
2.000 ~ 2.399
AT Fund
2.400 ~ 2.999
AT Fund
3.000 ~ 3.199
3rd Overtone
3.200 ~ 3.499
3rd Overtone
3.500 ~ 3.899
3rd Overtone
3.900 ~ 4.099
5th Overtone
4.100 ~ 5.999
7th Overtone
Table 2
Frequency stability Vs operating temperature range
Issue: 9 SCB
Date 20-11-2012
30
20
20
50
40
90
90
90
70
AT Fund
AT Fund
60
AT Fund
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
50
AT Fund
150
Aging
1.8432 ~ 1.999
Drive Level
Load Capacitance
Stability over Temp Range °C
350
300
200
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
CO
Tstg
Temp Operating Range
DL max
ESR
Options available - please enquire
Dependent on cut & frequency
CL
Please specify
7pF max
-10~+60°C,-20~+70°C & -40~+85
8 ~ 55pF or SR
-40°C to +85°C
Please specify
Please specify
Please see table 2
±5ppm ~ 100ppm (30ppm Std )
AT Fund
AT Fund
AT Fund
AT Fund
Τopr
∆f/Fo
10.000 ~ 12.999
±3ppm / year max@25°C
Fa
90
100
@ DC 100V ±15V
AT Fund
Mode
7.000 ~ 9.999
13.000 ~ 30.000
24.000 ~ 29.999
IR
Parameter
Frequency Tolerance @25°C
Frequency Range
Specification
Please specify
fo
∆f/fo
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please specify
1.8432MHz ~ 150MHZ
ACT HC49/U ( Standard Devices )
Specification
The ACT HC49U family is available in industry standard package and specifications. This series
offers a broad range of frequencies and tolerances in both standard and industrial temperature
ranges. Housed in resistance welded cases the HC49U offers excellent aging characteristics.
Cost / performance ratios are extremely good for this family of devices and they offer reasonably
high density mounting capability, where height isn't a restriction. Low frequencies are also more
readily available in this type of package. Various optional packages and custom specifications are
available - PLEASE SEE SEPARATE DATA SHEET FOR ACT HC49/U ( CUSTOM OPTIONS )
Symbol
Condition
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance & Mode
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
500M
Ω Min
6.000 ~ 6.999
30.000 ~ 65.000
60.000 ~ 99.999
90.000 ~ 120.000
120.000 ~ 150.000
-10 ~ +60°C
-20 ~ +70°C
-40 ~ +85°C
±10ppm ±15ppm ±20ppm ±25ppm
Enquire
±30ppm ±50ppm
Stability
Temp


Similar Part No. - ACT_HC49_U_STANDARD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_US_CUSTOM ACT-ACT_HC49_US_CUSTOM Datasheet
207Kb / 3P
family of robust, through hole crystals featuring high reliability
20-03-2013
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
ACT_HC49_US_STANDARD ACT-ACT_HC49_US_STANDARD Datasheet
413Kb / 3P
family of competitively priced, resistance welded
20-03-2013
More results

Similar Description - ACT_HC49_U_STANDARD

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
Gilway Technical Lamp
GHB-PLCC-CW2 GILWAY-GHB-PLCC-CW2 Datasheet
100Kb / 4P
This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
logo
Seoul Semiconductor
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
Industry Standard PLCC SMT package Available in multiple colors
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Gamma Microelectronics ...
GM2576HV GAMMA-GM2576HV Datasheet
496Kb / 8P
Standard ESOP8 package is available
GM7109HV GAMMA-GM7109HV Datasheet
510Kb / 9P
Standard ESOP8 package is available
logo
MMD Components
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com