Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT_HC49_U_STANDARD Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACT_HC49_U_STANDARD
Description  family is available in industry standard package and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_U_STANDARD Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACT_HC49_U_STANDARD Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 3Page - Advanced Crystal Technology ACT_HC49_U_STANDARD Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example :
GO
1 2 0 0
I
K
G
L
- PF
(HC49/U)
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(Loose )
(RoHS)
A
5
E
10
A
3rd O/T
F
15
F
Fundamental
- PF
G
20
E
-10+60
GO
8
I
30
Std
G
-20+70
Std
JO
9
L
50
M
-40+85
KO
10
MO
11
Packaging
OO
12
L = Loose
Std
ZO
14
C =1K T&R
PO
15
F
10
RO
16
G
15
TO
18
I
20
VO
20
J
25
AA
24
K
30
Std
BA
25
O
50
DA
30
FA
33
JA
50
SR
SR
NOTES :
1)
2)
3)
Issue: 9 SCB
Date 20-11-2012
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0800MHz = 8MHz.Whereas 10.000MHz is 1000 and 100.00MHz
is 10000)
Available Stabilities
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
http:www.actcrystals.com
NB:
It is important to suffix
the above P/No with
the full frequency
required to give a
complete P/No as
illustrated below
Full Example Part Number
GO1200IKGROFL-PF
12.00MHz
Tighter Tolerances and Stabilities, other Operating Temperature Ranges and CL's may be available as semi custom devices.
As each of these specification parameters impact on each other, it is not always possible to combine all options in one device.
Therefore, if a specification not catered for above is required, please contact us directly for the relevant part number code(s).
ACT are always happy to consider truly custom specification parts which may require non-standard specification parameters,
specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and custom marking. Such
devices would normally be allocated a custom specification part number which is wholly customer specific. ( MOQ Dependent ) ( EG
: A 12.00MHz custom ACTHC49/U device may have a part number such as GO1200C- C1246-PF)
Mode
RoHS
Comp'
Examples
0983 = 9.8304MHz
1200 = 12.000MHz
Stability Over
Operating
Temperature (ºC)
9999 = 99.9999MHz
10000 = 100.00MHz
SERIES : ACT HC49/U ( Standard ) Device series code GO
RO
F
(16pF)
(Fund')
Frequency
Tolerance (±pm)
@ 25ºC
To 99.9999MHz 1st
four digits of
Frequency
&
>99.9999MHz 1st
five digits of
Frequency
Operating
Temperature
Range (ºC)
Load
Capacitance
( pF or Series
-10 ~ +60°C
-20 ~ +70°C
-40 ~ +85°C
±10ppm ±15ppm ±20ppm ±25ppm
Enquire
±30ppm ±50ppm
Stability
Temp
Device
Height Code
Max:
GO = 13.5mm
Cropped leads
BD = 3.5mm
BC = 5.0mm
BB = 7.0mm
SA = Washer
Fitted
Commodity code
854160 00 00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com