Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F011-059 Datasheet(PDF) 6 Page - Eichhoff Electronics,Inc.

Part # F011-059
Description  Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F011-059 Datasheet(HTML) 6 Page - Eichhoff Electronics,Inc.

  F011-059 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F011-059 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F011-059 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F011-059 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F011-059 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F011-059 Datasheet HTML 6Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Rated voltage:
AC 440 V 50/60 Hz
Capacitance tolerance:
± 20 %
Capacitor class:
X1Y2
Capacitanee tolerance:
- 30% / + 50%
Discharge resistor:
470 K at 1µF
680 K at 0.47µF
1 M0 0.24µF
Encapsulation:
metal can with threaded stud
similar to DIN 41116
Climatic category:
25/110/21-C to IEC 60068-1
Connections:
fastons 6.3 x 0.8 mm
Prüfzeichen:
Approvals:
Homologations:
Tension nominale:
c.a. 440 V 50/60 Hz
Tolérance des capacités.
± 20%
Classes des condensateurs: X1Y2
Tolérances des inductanes:
–30% / +50%
Résistance de décharge:
470 K à 1µF
680 K à 0,47µF
1 M0 à 0,24µF
Boîtier:
boîtier métallique avec vis
similaire à DIN 41116
Clatégorie climatique:
25/110/21-C selon IEC 60068-1
Connexions:
cosses plattes 6,3 x 0,8 mm
Einfügungsdämpfung (Richtwerte), Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives), Mesurage dans le circuit 50:
F022-924/012
F022-947/006
F022-947/100
F022-947/007
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
EN 60939-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀
฀฀฀฀฀
฀฀฀



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com