Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698APZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD698APZ
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698APZ Datasheet(HTML) 4 Page - Analog Devices

  AD698APZ Datasheet HTML 1Page - Analog Devices AD698APZ Datasheet HTML 2Page - Analog Devices AD698APZ Datasheet HTML 3Page - Analog Devices AD698APZ Datasheet HTML 4Page - Analog Devices AD698APZ Datasheet HTML 5Page - Analog Devices AD698APZ Datasheet HTML 6Page - Analog Devices AD698APZ Datasheet HTML 7Page - Analog Devices AD698APZ Datasheet HTML 8Page - Analog Devices AD698APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
AD698
Typical Characteristics (at +25°C and V
S =
±15 V unless otherwise noted)
240
–20
140
20
0
–40
–60
80
40
120
160
200
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
OFFSET PSRR 12–15V
OFFSET PSRR 15–18V
GAIN PSRR 12–15V
GAIN PSRR 15–18V
Figure 1. Gain and Offset PSRR vs. Temperature
140
–40
–60
120
100
80
60
40
20
0
–20
0
–45
–35
–40
–30
–25
–20
–15
–10
–05
TEMPERATURE –
°C
OFFSET CMRR
± 3V
GAIN CMRR
± 3V
Figure 2. Gain and Offset CMRR vs. Temperature
120
–80
140
–40
–60
–40
–60
0
–20
20
40
80
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 3. Typical Gain Drift vs. Temperature
20
–20
140
–10
–15
–40
–60
0
–5
5
10
15
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 4. Typical Offset Drift vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com