Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698APZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD698APZ
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698APZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD698APZ Datasheet HTML 4Page - Analog Devices AD698APZ Datasheet HTML 5Page - Analog Devices AD698APZ Datasheet HTML 6Page - Analog Devices AD698APZ Datasheet HTML 7Page - Analog Devices AD698APZ Datasheet HTML 8Page - Analog Devices AD698APZ Datasheet HTML 9Page - Analog Devices AD698APZ Datasheet HTML 10Page - Analog Devices AD698APZ Datasheet HTML 11Page - Analog Devices AD698APZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD698
REV. B
–9–
FREQUENCY – Hz
0
100k
100
1k
10k
10
0
–30
–60
–70
0
–10
–20
–50
–40
–360
–60
–240
–300
–420
–180
–120
0.1µF
0.033µF
0.01µF
R2 = 81k
Ω
fEXC = 10kHz
0.1µF
0.033µF
0.01µF
R2 = 81k
Ω
fEXC = 10kHz
Figure 15. Gain and Phase Characteristics vs. Frequency
(0 kHz–50 kHz)
FREQUENCY – Hz
0
100
1k
10k
10
0
–30
–60
–70
–10
–20
–50
–40
0
–360
–60
–240
–300
–180
–120
0.1µF
0.033µF
0.01µF
R2 = 81k
Ω
fEXC = 10kHz
0.1µF
0.033µF
0.01µF
R2 = 81k
Ω
fEXC = 10kHz
Figure 16. Gain and Phase Characteristics vs. Frequency
(0 kHz–10 kHz)
Figure 16 shows a more limited frequency range with enhanced
accuracy. The figures are transfer functions with the input to be
considered as a sinusoidally varying mechanical position and the
output as the voltage from the AD698; the units of the transfer
function are volts per inch. The value of C2, C3, and C4, from
Figure 7, are all equal and designated as a parameter in the fig-
ures. The response is approximately that of two real poles.
However, there is appreciable excess phase at higher frequen-
cies. An additional pole of filtering can be introduced with a
shunt capacitor across R2, Figure 7; this will also increase phase
lag.
When selecting values of C2, C3 and C4 to set the bandwidth of
the system, a trade-off is involved. There is ripple on the “dc”
position output voltage, and the magnitude is determined by the
filter capacitors. Generally, smaller capacitors will give higher
system bandwidth and larger ripple. Figures 17 and 18 show the
magnitude of ripple as a function of C2, C3 and C4, again all
equal in value. Note also a shunt capacitor across R2, Figure 7,
is shown as a parameter. The value of R2 used was 81 k
Ω with a
Schaevitz E100 LVDT.
C2, C3, C4; C2 = C3 = C4 –
µF
1k
100
0.1
0.01
0.1
10
1
10
1
2.5kHz, C
SHUNT
1nF
2.5kHz, C
SHUNT
10nF
Figure 17. Output Voltage Ripple vs. Filter Capacitance
C2, C3, C4; C2 = C3 = C4 –
µF
1k
100
0.1
0.001
0.01
10
0.1
10
1
10kHz, C
SHUNT
1nF
10kHz, C
SHUNT
10nF
1
Figure 18. Output Voltage Ripple vs. Filter Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com