Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698APZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD698APZ
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698APZ Datasheet(HTML) 1 Page - Analog Devices

  AD698APZ Datasheet HTML 1Page - Analog Devices AD698APZ Datasheet HTML 2Page - Analog Devices AD698APZ Datasheet HTML 3Page - Analog Devices AD698APZ Datasheet HTML 4Page - Analog Devices AD698APZ Datasheet HTML 5Page - Analog Devices AD698APZ Datasheet HTML 6Page - Analog Devices AD698APZ Datasheet HTML 7Page - Analog Devices AD698APZ Datasheet HTML 8Page - Analog Devices AD698APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Universal
LVDT Signal Conditioner
AD698
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Single Chip Solution, Contains Internal Oscillator and
Voltage Reference
No Adjustments Required
Interfaces to Half-Bridge, 4-Wire LVDT
DC Output Proportional to Position
20 Hz to 20 kHz Frequency Range
Unipolar or Bipolar Output
Will Also Decode AC Bridge Signals
Outstanding Performance
Linearity: 0.05%
Output Voltage:
11 V
Gain Drift: 20 ppm/ C (typ)
Offset Drift: 5 ppm/ C (typ)
PRODUCT DESCRIPTION
The AD698 is a complete, monolithic Linear Variable Differen-
tial Transformer (LVDT) signal conditioning subsystem. It is
used in conjunction with LVDTs to convert transducer mechan-
ical position to a unipolar or bipolar dc voltage with a high de-
gree of accuracy and repeatability. All circuit functions are
included on the chip. With the addition of a few external passive
components to set frequency and gain, the AD698 converts the
raw LVDT output to a scaled dc signal. The device will operate
with half-bridge LVDTs, LVDTs connected in the series op-
posed configuration (4-wire), and RVDTs.
The AD698 contains a low distortion sine wave oscillator to
drive the LVDT primary. Two synchronous demodulation
channels of the AD698 are used to detect primary and second-
ary amplitude. The part divides the output of the secondary by
the amplitude of the primary and multiplies by a scale factor.
This eliminates scale factor errors due to drift in the amplitude
of the primary drive, improving temperature performance and
stability.
The AD698 uses a unique ratiometric architecture to eliminate
several of the disadvantages associated with traditional ap-
proaches to LVDT interfacing. The benefits of this new cir-
cuit are: no adjustments are necessary; temperature stability is
improved; and transducer interchangeability is improved.
The AD698 is available in two performance grades:
Grade
Temperature Range
Package
AD698AP
–40
°C to +85°C
28-Pin PLCC
AD698SQ
–55
°C to +125°C
24-Pin Cerdip
PRODUCT HIGHLIGHTS
1. The AD698 offers a single chip solution to LVDT signal
conditioning problems. All active circuits are on the mono-
lithic chip with only passive components required to com-
plete the conversion from mechanical position to dc voltage.
2. The AD698 can be used with many different types of posi-
tion sensors. The circuit is optimized for use with any
LVDT, including half-bridge and series opposed, (4 wire)
configurations. The AD698 accommodates a wide range of
input and output voltages and frequencies.
3. The 20 Hz to 20 kHz excitation frequency is determined by a
single external capacitor. The AD698 provides up to 24 volts
rms to differentially drive the LVDT primary, and the
AD698 meets its specifications with input levels as low as
100 millivolts rms.
4. Changes in oscillator amplitude with temperature will not af-
fect overall circuit performance. The AD698 computes the
ratio of the secondary voltage to the primary voltage to deter-
mine position and direction. No adjustments are required.
5. Multiple LVDTs can be driven by a single AD698 either in
series or parallel as long as power dissipation limits are not
exceeded. The excitation output is thermally protected.
6. The AD698 may be used as a loop integrator in the design of
simple electromechanical servo loops.
7. The sum of the transducer secondary voltages do not need to
be constant.
FUNCTIONAL BLOCK DIAGRAM
A
B
AMP
OSCILLATOR
VOLTAGE
REFERENCE
A
B
FILTER
AMP
AD698


Similar Part No. - AD698APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD698AP AD-AD698AP Datasheet
228Kb / 12P
Universal LVDT Signal Conditioner
REV.B
logo
List of Unclassifed Man...
AD698AP ETC2-AD698AP Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD698APZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
LVDT Signal Conditioner
AD698 AD-AD698 Datasheet
228Kb / 12P
Universal LVDT Signal Conditioner
REV.B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
Analog Devices
AD598 AD-AD598_15 Datasheet
556Kb / 16P
LVDT Signal Conditioner
REV. A
AD698 AD-AD698_15 Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com