Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC949 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC949
Description  LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC949 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC949 Datasheet HTML 1Page - Motorola, Inc MPC949 Datasheet HTML 2Page - Motorola, Inc MPC949 Datasheet HTML 3Page - Motorola, Inc MPC949 Datasheet HTML 4Page - Motorola, Inc MPC949 Datasheet HTML 5Page - Motorola, Inc MPC949 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC949
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
4
APPLICATIONS INFORMATION
Driving Transmission Lines
The MPC949 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 10
Ω the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to application note AN1091 in the
Timing Solutions brochure (BR1333/D).
In most high performance clock networks point–to–point
distribution of signals is the method of choice. In a
point–to–point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC/2. This technique draws a fairly high
level of DC current and thus only a single terminated line can
be driven by each output of the MPC949 clock driver. For the
series terminated case however there is no DC current draw,
thus the outputs can drive multiple series terminated lines.
Figure 3 illustrates an output driving a single series
terminated line vs two series terminated lines in parallel.
When taken to its extreme the fanout of the MPC949 clock
driver is effectively doubled due to its capability to drive
multiple lines.
Figure 3. Single versus Dual Transmission Lines
7
Ω
IN
MPC949
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutA
7
Ω
IN
MPC949
OUTPUT
BUFFER
RS = 43Ω
ZO = 50Ω
OutB0
RS = 43Ω
ZO = 50Ω
OutB1
The waveform plots of Figure 4 show the simulation
results of an output driving a single line vs two lines. In both
cases the drive capability of the MPC949 output buffers is
more than sufficient to drive 50
Ω transmission lines on the
incident edge. Note from the delay measurements in the
simulations a delta of only 43ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output–to–output skew of the MPC949. The output waveform
in Figure 4 shows a step in the waveform, this step is caused
by the impedance mismatch seen looking into the driver. The
parallel combination of the 43
Ω series resistor plus the output
impedance does not match the parallel combination of the
line impedances. The voltage wave launched down the two
lines will equal:
VL = VS ( Zo / Rs + Ro +Zo) = 3.0 (25/53.5) = 1.40V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.8V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Figure 4. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines the
situation in Figure 5 should be used. In this case the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance the line
impedance is perfectly matched.
Figure 5. Optimized Dual Line Termination
7
Ω
MPC949
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
RS = 36Ω
ZO = 50Ω
7
Ω + 36Ω k 36Ω = 50Ω k 50Ω
25
Ω = 25Ω
SPICE level output buffer models are available for
engineers who want to simulate their specific interconnect
schemes. In addition IV characteristics are in the process of
being generated to support the other board level simulators in
general use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com