Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC949 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC949
Description  LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC949 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC949 Datasheet HTML 1Page - Motorola, Inc MPC949 Datasheet HTML 2Page - Motorola, Inc MPC949 Datasheet HTML 3Page - Motorola, Inc MPC949 Datasheet HTML 4Page - Motorola, Inc MPC949 Datasheet HTML 5Page - Motorola, Inc MPC949 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPC949
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
TBD
TBD
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
(Except PECL_CLK)
2.0
3.60
V
VIL
Input LOW Voltage
(Except PECL_CLK)
0.8
V
VPP
Peak–to–Peak Input Voltage
PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC – 2.0
VCC – 0.6
V
Note 1.
VOH
Output HIGH Voltage
2.5
V
IOH = –20mA (Note 2.)
VOL
Output LOW Voltage
0.4
V
IOL = 20mA (Note 2.)
IIN
Input Current
±120
µA
Note 3.
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
ICC
Maximum Quiescent Supply Current
70
85
mA
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the “HIGH” input is within
the VCMR range and the input swing lies within the VPP specification.
2. The MPC949 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
3. Inputs have pull–up/pull–down resistors which affect input current.
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
150
MHz
Note 4.
tPLH
Propagation Delay
PECL_CLK to Q
TTL_CLK to Q
4.0
4.2
6.5
7.5
9.0
10.6
ns
Note 4.
tPHL
Propagation Delay
PECL_CLK to Q
TTL_CLK to Q
3.8
4.0
6.2
7.2
8.6
10.5
ns
Note 4.
tsk(o)
Output–to–Output Skew
300
350
ps
Note 4.
tsk(pr)
Part–to–Part Skew
PECL_CLK to Q
TTL_CLK to Q
1.5
2.0
2.75
4.0
ns
Note 5.
tPZL,tPZH
Output Enable Time
3
11
ns
Note 4.
tPLZ,tPHZ
Output Disable Time
3
11
ns
Note 4.
tr, tf
Output Rise/Fall Time
0.10
1.0
ns
0.8V to 2.0V
4. Driving 50
Ω transmission lines terminated to VCC/2.
5. Part–to–part skew at a given temperature and voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com