Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC949 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC949
Description  LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC949 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC949 Datasheet HTML 1Page - Motorola, Inc MPC949 Datasheet HTML 2Page - Motorola, Inc MPC949 Datasheet HTML 3Page - Motorola, Inc MPC949 Datasheet HTML 4Page - Motorola, Inc MPC949 Datasheet HTML 5Page - Motorola, Inc MPC949 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
10/96
Low Voltage 1:15 PECL to
CMOS Clock Driver
The MPC949 is a low voltage CMOS, 15 output clock buffer. The 15
outputs can be configured into a standard fanout buffer or into 1X and
1/2X combinations. The device features a low voltage PECL input, in
addition to its LVCMOS/LVTTL inputs, to allow it to be incorporated into
larger clock trees which utilize low skew PECL devices (see the
MC100LVE111 data sheet) in the lower branches of the tree. The fifteen
outputs were designed and optimized to drive 50
Ω series or parallel
terminated transmission lines. With output to output skews of 300ps the
MPC949 is an ideal clock distribution chip for synchronous systems
which need a tight level of skew from a large number of outputs. For a
similar product with a smaller fanout and package consult the MPC946
data sheet.
• Clock Distribution for Pentium™ Systems with PCI
• Low Voltage PECL Clock Input
• 2 Selectable LVCMOS/LVTTL Clock Inputs
• 350ps Maximum Output to Output Skew
• Drives up to 30 Independent Clock Lines
• Maximum Output Frequency of 150MHz
• High Impedance Output Enable
• 52–Lead TQFP Packaging
• 3.3V VCC Supply
With an output impedance of approximately 7
Ω, in both the HIGH and
the LOW logic states, the output buffers of the MPC949 are ideal for
driving series terminated transmission lines. More specifically each of the
15 MPC949 outputs can drive two series terminated transmission lines.
With this capability, the MPC949 has an effective fanout of 1:30 in
applications using point–to–point distribution schemes.
The MPC949 has the capability of generating 1X and 1/2X signals from a 1X source. The design is fully static, the signals are
generated and retimed inside the chip to ensure minimal skew between the 1X and 1/2X signals. The device features selectability
to allow the user to select the ratio of 1X outputs to 1/2X outputs.
Two independent LVCMOS/LVTTL compatible clock inputs are available. Designers can take advantage of this feature to
provide redundant clock sources or the addition of a test clock into the system design. With the TCLK_Sel input pulled HIGH the
TCLK1 input is selected. The PCLK_Sel input will select the PECL input clock when driven HIGH.
All of the control inputs are LVCMOS/LVTTL compatible. The Dsel pins choose between 1X and 1/2X outputs. A LOW on the
Dsel pins will select the 1X output. The MR/OE input will reset the internal flip flops and tristate the outputs when it is forced HIGH.
The MPC949 is fully 3.3V compatible. The 52 lead TQFP package was chosen to optimize performance, board space and cost
of the device. The 52–lead TQFP has a 10x10mm body size with a 0.65mm pin spacing.
Pentium is a trademark of Intel Corporation.
MPC949
LOW VOLTAGE
1:15 PECL TO CMOS
CLOCK DRIVER
FA SUFFIX
52–LEAD TQFP PACKAGE
CASE 848D–03


Similar Part No. - MPC949

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940 MOTOROLA-MPC940 Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Integrated Device Techn...
MPC940LAC IDT-MPC940LAC Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results

Similar Description - MPC949

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com