Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD736ARZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD736ARZ-R7 Datasheet HTML 1Page - Analog Devices AD736ARZ-R7 Datasheet HTML 2Page - Analog Devices AD736ARZ-R7 Datasheet HTML 3Page - Analog Devices AD736ARZ-R7 Datasheet HTML 4Page - Analog Devices AD736ARZ-R7 Datasheet HTML 5Page - Analog Devices AD736ARZ-R7 Datasheet HTML 6Page - Analog Devices AD736ARZ-R7 Datasheet HTML 7Page - Analog Devices AD736ARZ-R7 Datasheet HTML 8Page - Analog Devices AD736ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 4 of 20
AD736J/AD736A
AD736K/AD736B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Offset Voltage
J and K Grades
±0.1
±0.5
±0.1
±0.3
mV
A and B Grades
±0.5
±0.3
mV
vs. Temperature
1
20
1
20
µV/°C
vs. Supply
VS = ±5 V to ±16.5 V
50
130
50
130
µV/V
VS = ±5 V to ±3 V
50
50
µV/V
Output Voltage Swing
2 kΩ Load
VS = +2.8 V, −3.2 V
0 to
1.6
1.7
0 to
1.6
1.7
V
VS = ±5 V
0 to
3.6
3.8
0 to
3.6
3.8
V
VS = ±16.5 V
0 to 4
5
0 to 4
5
V
No Load
VS = ±16.5 V
0 to 4
12
0 to 4
12
V
Output Current
2
2
mA
Short-Circuit Current
3
3
mA
Output Resistance
@ dc
0.2
0.2
Ω
FREQUENCY RESPONSE
High Impedance Input (Pin 2)
for 1% Additional Error
Sine wave input
VIN = 1 mV rms
1
1
kHz
VIN = 10 mV rms
6
6
kHz
VIN = 100 mV rms
37
37
kHz
VIN = 200 mV rms
33
33
kHz
±3 dB Bandwidth
Sine wave input
VIN = 1 mV rms
5
5
kHz
VIN = 10 mV rms
55
55
kHz
VIN = 100 mV rms
170
170
kHz
VIN = 200 mV rms
190
190
kHz
Low Impedance Input (Pin 1)
for 1% Additional Error
Sine wave input
VIN = 1 mV rms
1
1
kHz
VIN = 10 mV rms
6
6
kHz
VIN = 100 mV rms
90
90
kHz
VIN = 200 mV rms
90
90
kHz
±3 dB Bandwidth
Sine wave input
VIN = 1 mV rms
5
5
kHz
VIN = 10 mV rms
55
55
kHz
VIN = 100 mV rms
350
350
kHz
VIN = 200 mV rms
460
460
kHz
POWER SUPPLY
Operating Voltage Range
+2.8,
−3.2
±5
±16.5
+2.8,
−3.2
± 5
±16.5
V
Quiescent Current
Zero signal
160
200
160
200
µA
200 mV rms, No Load
Sine wave input
230
270
230
270
µA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial
0°C to 70°C
AD736JN, AD736JR
AD736KN, AD736KR
Industrial
−40°C to +85°C
AD736AQ, AD736AR
AD736BQ, AD736BR
1
Accuracy is specified with the AD736 connected as shown in Figure 18 with Capacitor CC.
2
Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 mV rms and 200 mV rms. Output offset voltage is adjusted to zero.
3
Error vs. crest factor is specified as additional error for a 200 mV rms signal. Crest factor = VPEAK/V rms.
4
DC offset does not limit ac resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com