Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD736ARZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD736ARZ-R7 Datasheet HTML 6Page - Analog Devices AD736ARZ-R7 Datasheet HTML 7Page - Analog Devices AD736ARZ-R7 Datasheet HTML 8Page - Analog Devices AD736ARZ-R7 Datasheet HTML 9Page - Analog Devices AD736ARZ-R7 Datasheet HTML 10Page - Analog Devices AD736ARZ-R7 Datasheet HTML 11Page - Analog Devices AD736ARZ-R7 Datasheet HTML 12Page - Analog Devices AD736ARZ-R7 Datasheet HTML 13Page - Analog Devices AD736ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 10 of 20
THEORY OF OPERATION
AC COUPLED
CC = 10µF
8kΩ
INPUT
AMPLIFIER
IB<10pA
FULL-WAVE
RECTIFIER
RMS
TRANSLINEAR
CORE
−VS
CAV
+VS
COM
1
2
3
4
VIN
5
CAV
33µF
CF
OUTPUT
6
7
CF
8
+
+
8k
Ω
(OPTIONAL LPF
)
DC
+
COUPLED
AD736
0.1µF
TO COM PIN
0.1µF
10µF
OUTPUT
AMPLIFIER
BIAS
SECTION
CC
Figure 18. AD736 True RMS Circuit
As shown by Figure 18, the AD736 has five functional
subsections: the input amplifier, full-wave rectifier (FWR), rms
core, output amplifier, and bias section. The FET input amplifier
allows both a high impedance, buffered input (Pin 2) and a
low impedance, wide dynamic range input (Pin 1). The high
impedance input, with its low input bias current, is well suited
for use with high impedance input attenuators.
The output of the input amplifier drives a full-wave precision
rectifier that, in turn, drives the rms core. The essential rms
operations of squaring, averaging, and square rooting are
performed in the core using an external averaging capacitor,
CAV. Without CAV, the rectified input signal travels through the
core unprocessed, as is done with the average responding
connection (see Figure 19).
A final subsection, an output amplifier, buffers the output from
the core and allows optional low-pass filtering to be performed
via the external capacitor, CF, which is connected across the
feedback path of the amplifier. In the average responding
connection, this is where all of the averaging is carried out.
In the rms circuit, this additional filtering stage helps reduce any
output ripple that was not removed by the averaging capacitor, CAV.
TYPES OF AC MEASUREMENT
The AD736 is capable of measuring ac signals by operating as
either an average responding converter or a true rms-to-dc
converter. As its name implies, an average responding converter
computes the average absolute value of an ac (or ac and dc)
voltage or current by full-wave rectifying and low-pass filtering
the input signal; this approximates the average. The resulting
output, a dc average level, is scaled by adding (or reducing)
gain; this scale factor converts the dc average reading to an rms
equivalent value for the waveform being measured. For example,
the average absolute value of a sine wave voltage is 0.636 times
VPEAK; the corresponding rms value is 0.707 × VPEAK. Therefore, for
sine wave voltages, the required scale factor is 1.11 (0.707/0.636).
In contrast to measuring the average value, true rms measurement
is a universal language among waveforms, allowing the magnitudes
of all types of voltage (or current) waveforms to be compared to
one another and to dc. RMS is a direct measure of the power or
heating value of an ac voltage compared to that of a dc voltage;
an ac signal of 1 V rms produces the same amount of heat in a
resistor as a 1 V dc signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com