Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD736ARZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD736ARZ-R7 Datasheet HTML 3Page - Analog Devices AD736ARZ-R7 Datasheet HTML 4Page - Analog Devices AD736ARZ-R7 Datasheet HTML 5Page - Analog Devices AD736ARZ-R7 Datasheet HTML 6Page - Analog Devices AD736ARZ-R7 Datasheet HTML 7Page - Analog Devices AD736ARZ-R7 Datasheet HTML 8Page - Analog Devices AD736ARZ-R7 Datasheet HTML 9Page - Analog Devices AD736ARZ-R7 Datasheet HTML 10Page - Analog Devices AD736ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.3
–0.1
0
0.3
0.1
0.5
0.7
0
4
2
8
6
12
14
10
16
SUPPLY VOLTAGE (±V)
VIN = 200mV rms
1kHz SINE WAVE
CAV = 100µF
CF = 22µF
Figure 3. Additional Error vs. Supply Voltage
0
2
4
6
8
12
10
14
16
0
4
2
8
6
12
14
10
16
SUPPLY VOLTAGE (±V)
PIN 1
PIN 2
DC-COUPLED
Figure 4. Maximum Input Level vs. Supply Voltage
0
4
2
10
16
14
12
8
6
0
2
4
6
10
8
12
14
16
SUPPLY VOLTAGE (±V)
1kHz SINE WAVE INPUT
Figure 5. Peak Buffer Output vs. Supply Voltage
100µV
1mV
10mV
1V
100mV
10V
0.1
1
100
10
1000
–3dB FREQUENCY (kHz)
SINE WAVE INPUT, VS = ±5V,
CAV = 22µF, CF = 4.7µF, CC = 22µF
1% ERROR
–3dB
10% ERROR
Figure 6. Frequency Response Driving Pin 1
100µV
1mV
10mV
1V
100mV
10V
0.1
1
100
10
1000
–3dB FREQUENCY (kHz)
SINE WAVE INPUT, VS = ±5V,
CAV = 22µF, CF = 4.7µF, CC = 22µF
1% ERROR
10% ERROR
–3dB
Figure 7. Frequency Response Driving Pin 2
CAV = 100µF
CAV = 250µF
0
1
2
3
4
5
6
1
2
3
4
5
CREST FACTOR (VPEAK/V rms)
CAV = 10µF
CAV = 33µF
3ms BURST OF 1kHz =
3 CYCLES
200mV rms SIGNAL
VS = ±5V
CC = 22µF
CF = 100µF
Figure 8. Additional Error vs. Crest Factor with Various Values of CAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com