Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8563-32PRB Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8563-32PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-32PRB Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8563-32PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Block Diagram
Absolute Maximum Ratings:
Max input voltage ----------------------------------------------------------------------------8V
Junction Temperature (TJ) -----------------------------------------------------------------125
°C
Output Current -------------------------------------------------------------------------------- 300mA
Power Dissipation
SOT-23-5---------------------------------------------------------------------------------------250mW
Storage Temperature (Ts) ------------------------------------------------------------------45
°C~150°C
Recommended Work Conditions:
Item
Min
Recommended
Max
unit
Input Voltage Range
6
V
Ambient Temperature
-40
85
°C
Leshan Radio Co ., Ltd
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com