Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8563-32PRB Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR8563-32PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-32PRB Datasheet(HTML) 5 Page - Leshan Radio Company

  LR8563-32PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electrical Characteristics
(
Test Conditions: Cin=1uF,Cout=3.4uF,TA=25
°C, unless otherwise specified. )
LR8563 for arbitrary output voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
6
V
Vout
Output Voltage
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout1
Vout
X1.02
V
Iout
(Max.)
Maximun Output
Current
Vin-Vout=1V
300
mA
Iout=100mA
50
80
mV
Vdrop1
Dropout
Voltage,Vout≥2.8V
Iout=300mA
160
220
mV
Vou
Vin
Vout
⋅
∆
∆
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
Vout
∆
/
Iout
∆
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤300mA
30
50
mV
Iss
Supply Current
Vin=Set Vout+1V
15
25
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
Vout
T
Vout
⋅
∆
∆
Output Voltage
Temperature
Coefficiency
Iout=30mA
±
100
ppm/
°C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Ilim
Short Current Limit
Vout=0V
500
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Ω
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
En
Output Noise
BW=10Hz~100kHz
47
uVrms
1) Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300Ma
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input
voltage.
Leshan Radio Co ., Ltd
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com