Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8563-32PRB Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8563-32PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-32PRB Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8563-32PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-32PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LR8563
Low noise, fast response 300mA LDO regulator
General Description
LR8563 series is a group of positive
voltage output, low power consumption,
low dropout voltage regulator.
LR8563 can provide output value in the
range of 1.5V~4.5V every 0.1V step. It also
can be customized on command.
LR8563 includes high accuracy voltage
reference, error amplifier, current limit
circuit and output driver module with
discharge capability.
LR8563 has excellent load and line
transient response and good temperature
characteristics, which can assure the
stability of chip and power system. And it
uses trimming technique to guarantee
output voltage accuracy within±2%.
LR8563 is available in SOT-23-5, SC-70-5
packages which is lead free. It also can
available in these packages with lead.
Features
• Low Power Consumption: 15uA(Typ.)
• Low Output Noise (47uVRMS)
• Standby Mode: 0.1uA
• Low Dropout Voltage0.16V@300mA
(Typ.)
• High Ripple Rejection: 73dB@10
(Typ.)
0Hz
: 1.5V~4.5V
u
every 0.1V step)
te: ±2% (±1%
it
ones and
• Battery Powered equipment
• Power Management of MP3, PDA, DSC,
• Low Temperature Coefficient: ±
100ppm/
°C
• Excellent Line Regulation: 0.05%/V
• Build-in Chip Enable And Discharge
Circuit
• Output Voltage Range
(c stomized on command
• Highly Accura
customized)
• Output Current Lim
Applications:
• Power source for cellular ph
various kind of PCSs
LR8563 Typical Performance
Characteristics
LR8563 Typical Application Circuit
Load Regulation
(VIN=4.5V)
3.000
3.050
3.100
3.150
3.200
3.250
3.300
3.350
0
50
100
150
200
250
300
Iout(mA)
LR8563
Leshan Radio Co ., Ltd
1/9


Similar Part No. - LR8563-32PRB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
More results

Similar Description - LR8563-32PRB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2930-33 SECOS-S2930-33 Datasheet
550Kb / 3P
250mA Fixed Low Dropout Voltage Regu lator
SM2930-33 SECOS-SM2930-33 Datasheet
573Kb / 3P
Voltage Regu lator
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
Low noise, fast response 500mA LDO regulator
VER 1.4
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com