Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC992 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC992
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC992 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC992 Datasheet HTML 1Page - Motorola, Inc MPC992 Datasheet HTML 2Page - Motorola, Inc MPC992 Datasheet HTML 3Page - Motorola, Inc MPC992 Datasheet HTML 4Page - Motorola, Inc MPC992 Datasheet HTML 5Page - Motorola, Inc MPC992 Datasheet HTML 6Page - Motorola, Inc MPC992 Datasheet HTML 7Page - Motorola, Inc MPC992 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
7/96
Low Voltage PECL PLL Clock
Driver
The MPC992 is a 3.3V compatible, PLL based PECL clock generator
and distributor. The fully differential design ensures optimum skew and
PLL jitter performance. The performance of the device makes the
MPC992 ideal for workstations, main frame computer, telecommunication
and instrumentation applications. The device offers a crystal oscillator or
a differential PECL reference clock input to provide flexibility in the
reference clock interface. All of the control signals to the MPC992 are
LVTTL compatible inputs.
• Fully Integrated PLL
• Output Frequency of up to 400MHz
• PECL Clock Inputs and Outputs
• Operates from a 3.3V VCC Supply
• Output Frequency Configurable
• 32 TQFP Packaging
• ±25ps Cycle–Cycle Jitter
The MPC992 offers two banks of outputs which can be configured into
four different relationships. The output banks can be configured into 2:1,
3:1, 3:2 and 5:2 ratios to provide a wide variety of potential frequency
outputs. In addition to these two banks of outputs a synchronization output is also offered. The SYNC output will provide
information as to the time when the two output banks will transition positively in phase. This information can be important when
the odd ratios are used as it provides for a baseline point in the system timing. The SYNC output will pulse high for one Qa clock
period, centered on the rising Qa clock edge four edges prior to the Qb synchronous edge. The relationship is illustrated in the
timing diagrams in the data sheet.
The MPC992 offers several features to aid in system debug and test. The PECL reference input pins can be interfaced to a test
signal and the PLL can be bypassed to allow the designer to drive the MPC992 outputs directly. This allows for single stepping in
a system functional debug mode. In addition an overriding reset is provided which will force all of the Q outputs LOW upon
assertion.
The MPC992 is packaged in a 32–lead TQFP package to optimize both performance and board density.
Qan
Qan
(x4)
Qbn
Qbn
(x3)
SYNC
SYNC
(x1)
Frequency
Generator
PLL_EN
PECL_CLK
PECL_CLK
XTAL_SEL
XTAL
OSC
XTAL1
XTAL2
VCO_SEL
Integrated
PLL
x2
FSEL0
FSEL1
POR
Reset
MPC992 LOGIC DIAGRAM
1
0
0
1
0
1
MPC992
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
PLASTIC TQFP PACKAGE
CASE 873A-02


Similar Part No. - MPC992

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC991 MOTOROLA-MPC991 Datasheet
146Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC993 MOTOROLA-MPC993 Datasheet
97Kb / 6P
Dynamic Switch PLL Clock Driver
MPC9992 MOTOROLA-MPC9992 Datasheet
143Kb / 12P
3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
MPC9993 MOTOROLA-MPC9993 Datasheet
102Kb / 8P
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
More results

Similar Description - MPC992

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com