Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC993 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC993
Description  Dynamic Switch PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC993 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC993 Datasheet HTML 1Page - Motorola, Inc MPC993 Datasheet HTML 2Page - Motorola, Inc MPC993 Datasheet HTML 3Page - Motorola, Inc MPC993 Datasheet HTML 4Page - Motorola, Inc MPC993 Datasheet HTML 5Page - Motorola, Inc MPC993 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC993
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4
Applications Information
The MPC993 is a single switch circuit. The device
continuously monitors the two input signals to identify faulty
reference clocks. A clock is considered faulty if it has been
stuck LOW or HIGH for 3 consecutive feedback clock edges
(rising or falling). Upon identifying a faulty reference clock, an
input bad flag (Inp0bad or Inp1bad) corresponding to the
faulty clock will be set. If the PLL was currently locked to the
input signal that goes bad, the MPC993 will automatically
switch to the other clock provided it is operational. The input
bad flags will remain set until an Alarm_Reset is asserted.
The Alarm_Reset input is an active LOW input that will reset
the input bad flag(s). Note that the Alarm_Reset is one
shotted, thus if upon clearing the input bad flags the inputs
are still bad the flags will be reset without the Alarm_Reset
pin being negated.
If both of the input signals go bad simultaneously the
MPC993 PLL will lose lock and the VCO will drift to an
indeterminate frequency. Once the MPC993 switches from a
bad clock it will continue to use the new clock until the
Alarm_Reset pin is asserted. The device will not switch back
to a “repaired” bad input clock until the Alarm_Reset is
asserted. Asserting the Alarm_Reset pin forces the
Clk_Selected output to match the Sel_Clk input. Users
identify their primary clock via the Sel_Clk input. If not faulty
the MPC993 will always lock to this clock source in the
normal mode of operation. The only time clock Clk_Selected
does not equal Sel_Clk is when the device is in automatic
switch mode and the primary clock source is faulty. In this
condition the MPC993 will have switched to the secondary
clock and Clk_Selected will be in the opposite state as
Sel_Clk. Note that when in manual override (Man_Override
input is asserted) Clk_Selected will always equal Sel_Clk
regardless of the condition of the input bad flags.
Upon detection and switch from a “bad” input to a “good”
one, the internal PLL of the MPC993 will ensure a smooth
phase transition from the original to the new reference clock
source. The magnitudes of the disturbances seen in the
output clocks are detailed in the AC tables of this data sheet.
The two datasheet specifications are the maximum phase
error deviation and the rate of change of the output periods
during a reference clock switch. The maximum phase error
deviation describes the change in the input/output phase
difference caused by a switch between two out–of–phase
references. The rate of change periods describes the
behavior of the output signals from the MPC993 as it requires
phase–lock to the new reference source. Two different
conditions are specified, one for a maximum phase deviation
of the two clock sources of
≤±400ps and the other for phase
deviations of
≤±π. Under these conditions the MPC993 will be
guaranteed to take the “shortest path” to regain phase lock.
That is for a phase difference of –300ps, the output phase will
slew 300ps to align to the new phase as opposed to travelling
one clock period minus 300ps in the other direction. This
guarantee will ensure phase coherency in a clocking scheme
in which multiple MPC993’s are synchronized in a clock tree
and a subset of the devices under go a dynamic switch. Note
if the phase of the two input clock sources differs by more
than
±π the direction of phase lock cannot be guaranteed.
To calculate the overall uncertainty between any clocks
from multiple MPC993’s the following procedure should be
followed. Assuming that the reference clocks to the multiple
MPC993’s are exactly in phase, the total uncertainty will be
the combination of the static phase offset uncertainty
between the reference and feedback clocks, plus the
uncertainty between the feedback clock and the other clock
outputs, plus the jitter between the reference clock and
feedback clock inputs to the PLL. Based on the preliminary
data sheet specifications on this data sheet the total
uncertainty between CPU clocks would be 300ps + 50ps +
200ps or 550ps. The numbers used to derive this are the
Tpd, Output Skew and I/O jitter numbers respectively. Any
uncertainty in the phase of the reference clocks between the
different MPC993’s will add directly to this calculated
uncertainty.
During a dynamic switch the part to part skew between
two devices may be increased for a short period of time. In
the condition that only a subset of a number of parallel
MPC993’s under go a dynamic switch an additional
component will need to be added to the part to part skew of
the device during this transient event. If the two reference
clocks are 400ps out of phase a dynamic switch of an
MPC993 will lead to an instantaneous change of the input
phase by 400ps without a corresponding change in the
output phase due to the limited bandwidth of the PLL. As a
result the delay through a device under going the above
described switch will change by 400ps until the PLL has an
opportunity to slew to its new phase. This transient timing
issue should be considered when analyzing the overall skew
budget of a system.
The MPC993 inputs are not designed for “hot insertion”
applications when the device is used in a PECL environment.
In an ECL environment the reference clock inputs to the
device are hot insertion compatible. However in a PECL
environment a powered down receiver will present a low
impedance connection to ground to a powered up driver. To
make the MPC993 hot insertion compatible in a PECL
environment series resistance needs to be added in front of
the input reference clock pins to limit the current in the above
mentioned case. For a 3.3V PECL environment a 100
Ω
series resistor will be sufficient to limit the current to
acceptable levels for both the driver and the receiver. A 100
Ω
series resistor on the reference clock inputs will have minimal
impact on the rise and fall times of the input signals.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com