Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC993 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC993
Description  Dynamic Switch PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC993 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC993 Datasheet HTML 1Page - Motorola, Inc MPC993 Datasheet HTML 2Page - Motorola, Inc MPC993 Datasheet HTML 3Page - Motorola, Inc MPC993 Datasheet HTML 4Page - Motorola, Inc MPC993 Datasheet HTML 5Page - Motorola, Inc MPC993 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPC993
3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3.3V PECL AC Characteristics (TA = 0°C to 85°C)
Symbol
Parameter
Min
Typ
Max
Unit
fVCO
Maximum VCO Frequency
480
MHz
tpwi
25
75
%
tpd
Propagation Delay (Note 1.)
CLKn to Q (Bypass)
CLKn to Q (Locked (Note 2.))
X–500
Y–150
2000
0
X+500
Y+150
ps
tr/tf
Output Rise/Fall Time
200
800
ps
tskew
Output Skew
Within Bank
All Outputs
50
100
ps
∆pe
Maximum Phase Error Deviation
TBD (Note 3.)
TBD (Note 4.)
ps
∆per/cycle
Rate of Change of Periods
75MHz Output (Note 3.)
150MHz Output (Note 3.)
75MHz Output (Note 4.)
150MHz Output (Note 4.)
20
10
TBD
TBD
ps
tpw
Output Duty Cycle
45
55
%
tjitter
Cycle–to–Cycle Jitter
50
ps
tlock
Maximum PLL Lock Time
10
ms
1. These values represent simulation results. Final values will be determined from silicon measurements and may be adjusted slightly.
2. Static phase offset between the selected reference clock and the feedback signal.
3. Specification holds for a clock switch between two signals no greater than 400ps out of phase. Delta period change per cycle is averaged over
the clock switch excursion. (See Applications Information section on page 4 for more detail)
4. Specification holds for a clock switch between two signals no greater than
±π out of phase. Delta period change per cycle is averaged over the
clock switch excursion.
PIN DESCRIPTIONS
Pin Name
I/O
Pin Definition
CLK0, CLK0
CLK1, CLK1
LVPECL Input
LVPECL Input
Differential PLL clock reference (CLK0 pulldown, CLK0 pullup)
Differential PLL clock reference (CLK1 pulldown, CLK1 pullup)
Ext_FB, Ext_FB
LVPECL Input
Differential PLL feedback clock (Ext_FB pulldown, Ext_FB pullup)
Qa0:1, Qa0:1
LVPECL Output
Differential 1x output pairs
Qb0:2, Qb0:2
LVPECL Output
Differential 2x output pairs
Inp0bad
LVCMOS Output
Indicates detection of a bad input reference clock 0 with respect to the feedback signal. The output
is active HIGH and will remain HIGH until the alarm reset is asserted
Inp1bad
LVCMOS Output
Indicates detection of a bad input reference clock 1 with respect to the feedback signal. The output
is active HIGH and will remain HIGH until the alarm reset is asserted
Clk_Selected
LVCMOS Output
‘0’ if clock 0 is selected, ‘1’ if clock 1 is selected
Alarm_Reset
LVCMOS Input
‘0’ will reset the input bad flags and align Clk_Selected with Sel_Clk. The input is “one–shotted”
(75
Ω pullup)
Sel_Clk
LVCMOS Input
‘0’ selects CLK0, ‘1’ selects CLK1 (75
Ω pulldown)
Manual_Override
LVCMOS Input
‘1’ disables internal clock switch circuitry (75
Ω pulldown)
PLL_En
LVCMOS Input
‘0’ bypasses selected input reference around the phase–locked loop (75
Ω pulldown)
MR
LVCMOS Input
‘0’ resets the internal dividers forcing Q outputs LOW. Asynchronous to the clock (75
Ω pullup)
VCCA
Power Supply
PLL power supply
VCC
Power Supply
Digital power supply
GNDA
Power Supply
PLL ground
GND
Power Supply
Digital ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com