Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC993 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC993
Description  Dynamic Switch PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC993 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC993 Datasheet HTML 1Page - Motorola, Inc MPC993 Datasheet HTML 2Page - Motorola, Inc MPC993 Datasheet HTML 3Page - Motorola, Inc MPC993 Datasheet HTML 4Page - Motorola, Inc MPC993 Datasheet HTML 5Page - Motorola, Inc MPC993 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPC993
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
2
Figure 2. 32–Lead Pinout (Top View)
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345
678
24
23
22
21
20
19
18
17
16
PRELIMINARY
MPC993
Ext_FB
Ext_FB
GND
Clk_Selected
Inp1bad
Inp0bad
VCC
PLL_En
Man_Override
VCCA
VCC
Qa0
Qa0
Qa1
Qa1
3.3V PECL DC Characteristics (TA = 0°C to 70°C)
Symbol
Parameter
Min
Typ
Max
Unit
VOH
Output HIGH Voltage (LVPECL Outputs)
2.275
2.345
2.420
V
VOH
Output HIGH Voltage (LVCMOS Outputs)
2.4
V
VOL
Output LOW Voltage (LVPECL Outputs)
1.490
1.595
1.680
V
VOL
Output LOW Voltage (LVCMOS Outputs)
0.5
V
VIH
Input HIGH Voltage (LVPECL Outputs)
2.135
2.420
V
VIH
Input HIGH Voltage (LVCMOS Outputs)
2.0
3.3
V
VIL
Input LOW Voltage (LVPECL Outputs)
1.490
1.825
V
VIL
Input LOW Voltage (LVCMOS Outputs)
0.8
V
IIL
Input LOW Current
0.5
µA
IEE
Power Supply Current
GNDA
GND
15
80
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com