Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8250ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8250ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8250
Rev. C | Page 13 of 24
TIME (µs)
2µs/DIV
20mV/DIV
NO
LOAD
47pF
100pF
Figure 36. Small Signal Pulse Response for Various Capacitive Loads
5V/DIV
2µs/DIV
TIME (µs)
0.002%/DIV
585ns TO 0.01%
615ns TO 0.001%
Figure 37. Large Signal Pulse Response and Settling Time,
G = 1, RL = 10 kΩ
5V/DIV
2µs/DIV
TIME (µs)
0.002%/DIV
605ns TO 0.01%
635ns TO 0.001%
Figure 38. Large Signal Pulse Response and Settling Time
G = 2, RL = 10 kΩ
5V/DIV
2µs/DIV
TIME (µs)
0.002%/DIV
605ns TO 0.01%
635ns TO 0.001%
Figure 39. Large Signal Pulse Response and Settling Time
G = 5, RL = 10 kΩ
5V/DIV
2µs/DIV
TIME (µs)
0.002%/DIV
648ns TO 0.01%
685ns TO 0.001%
Figure 40. Large Signal Pulse Response and Settling Time
G = 10, RL = 10 kΩ
TIME (µs)
2µs/DIV
20mV/DIV
Figure 41. Small Signal Response
G = 1, RL = 2 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com