Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARMZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8250ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8250ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8250
Rev. C | Page 21 of 24
DATA ACQUISITION
The AD8250 makes an excellent instrumentation amplifier for
use in data acquisition systems. Its wide bandwidth, low distortion,
low settling time, and low noise enable it to condition signals in
front of a variety of 16-bit ADCs.
Figure 59 shows a schematic of the AD825x data acquisition
demonstration board. The quick slew rate of the AD8250 allows
it to condition rapidly changing signals from the multiplexed
inputs. An FPGA controls the AD7612, AD8250, and ADG1209.
In addition, mechanical switches and jumpers allow users to pin
strap the gains when in transparent gain mode.
This system achieved −111 dB of THD at 1 kHz and a signal-to-
noise ratio of 91 dB during testing, as shown in Figure 58.
0
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY (kHz)
Figure 58. FFT of the AD825x DAQ Demo Board Using the AD8250,
1 kHz Signal
AD8250
2
+IN
–IN
A1
A0
OUT
REF
–VS
+VS
DGND
5
3
4
9
1
7
10
11
12
13
14
15
16
6
2
S1A EN
S2A
S3A
S4A
S1B
S2B
DB
GND
DA
S3B
S4B
A0
A1
VSS
VDD
JMP
JMP
JMP
+12V –12V
+12V
–12V
JMP
JMP
–VS
+5V
+5V
DGND
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
806Ω
0Ω
0Ω 49.9Ω
0Ω
–CH1
+CH1
+CH2
–CH2
+CH3
–CH3
+CH4
–CH4
1nF
2kΩ
2kΩ
0.1µF
GND
+12V
–12V
+
+
10µF
10µF
0.1µF
CD
CC
CC
C3
0.1µF
C4
0.1µF
+5V
+5V
DGND
DGND
R8
2kΩ
+IN
AD7612
ADR435
ADG1209
DGND
ALTERA
EPF6010ATC144-3
8
0Ω
0Ω
1
10
6
WR
9
4
5
8
3
7
+
–
DGND
2k
Ω
DGND
Figure 59. Schematic of ADG1209, AD8250, and AD7612 in the AD825x DAQ Demo Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com