Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250ARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8250ARMZ-R7
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD8250ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8250ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8250
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 15
Gain Selection............................................................................. 15
Power Supply Regulation and Bypassing ................................ 17
Input Bias Current Return Path ............................................... 17
Input Protection ......................................................................... 17
Reference Terminal .................................................................... 18
Common-Mode Input Voltage Range..................................... 18
Layout .......................................................................................... 18
RF Interference ........................................................................... 19
Driving an ADC ......................................................................... 19
Applications..................................................................................... 20
Differential Output .................................................................... 20
Setting Gains with a Microcontroller ...................................... 20
Data Acquisition......................................................................... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
5/13—Rev. B to Rev. C
Changed 49.9 Ω to 100 Ω in Driving an ADC Section and
Figure 55 .......................................................................................... 19
11/10—Rev. A to Rev. B
Changes to Voltage Offset, Offset RTI VOS, Average
Temperature Coefficient Parameter in Table 2............................. 3
Updated Outline Dimensions....................................................... 22
5/08—Rev. 0 to Rev. A
Changes to Table 1............................................................................ 1
Changes to Table 2............................................................................ 3
Changes to Table 3.............................................................................6
Added Figure 17; Renumbered Sequentially .................................9
Changes to Figure 23...................................................................... 10
Changes to Figure 24 to Figure 26................................................ 11
Added Figure 29 ............................................................................. 11
Changes to Figure 31...................................................................... 12
Deleted Figure 43 to Figure 46; Renumbered Sequentially ...... 14
Inserted Figure 45 and Figure 46.................................................. 14
Changes to Timing for Latched Gain Mode Section ................. 16
Changes to Layout Section and Coupling Noise Section.......... 18
Changes to Figure 59...................................................................... 21
1/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com