Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-90LI Datasheet(PDF) 17 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 13Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 14Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 15Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 16Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 17Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 18Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 19Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 20Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
14
Function
PAD A and PAD B Inputs
A19/CSI
When the PSD is configured to use CSI and while CSI is a logic 1, the PAD
deselects all of its outputs and enters a power-down mode (see Tables 12
and 13). When the PSD is configured to use A19, this signal is another
input to the PAD.
A16–A18
These are general purpose inputs from Port C. See Figure 4, Note 3.
A11–A15
These are address inputs.
P0–P3
These are inputs from the page register (not available on 3X1 versions).
RD/E/DS
This is the read pulse or strobe input. (DS not available on 3X1 versions).
WR or R/W
This is the write pulse or R/W select signal.
ALE/AS
This is the ALE or AS input to the chip. Use to demultiplex address
and data.
RESET
This deselects all outputs from the PAD; it can not be used in product
term equations. See Tables 10 and 11.
PAD A Outputs
These are internal chip-selects to the 8 EPROM banks. Each bank can
ES0–ES7
be located on any boundary that is a function of one product term of the
PAD address inputs.
RS0
This is an internal chip-select to the SRAM. Its base address location is
a function of one term of the PAD address inputs.
This internal chip-select selects the I/O ports. It can be placed on any
CSIOPORT
boundary that is a function of one product term of the PAD inputs. See
Tables 5A and 5B.
This internal chip-select, when Port A is configured as a low-order
address/data bus in the track mode controls the input direction of Port A.
CSADIN is gated externally to the PAD by the internal read signal. When
CSADIN
CSADIN and a read operation are active, data presented on Port A
flows out of AD0/A0–AD7/A7. This chip-select can be placed on any
boundary that is a function of one product term of the PAD inputs.
See Figure 5B.
This internal chip-select, when Port A is configured as a low-order
address/data bus in track mode, controls the output direction of Port A.
CSADOUT1 is gated externally to the PAD by the ALE signal. When
CSADOUT1
CSADOUT1 and the ALE signal are active, the address presented on
AD0/A0–AD7/A7 flows out of Port A. This chip-select can be placed on
any boundary that is a function of one product term of the PAD inputs.
See Figure 5B.
This internal chip-select, when Port A is configured as a low-order
address/data bus in the track mode, controls the output direction of Port A.
CSADOUT2 must include the write-cycle control signals as part of its
CSADOUT2
product term. When CSADOUT2 is active, the data presented on
AD0/A0–AD7/A7 flows out of Port A. This chip-select can be placed on
any boundary that is a function of one product term of the PAD inputs.
See Figure 5B.
PAD B Outputs
CS0–CS3
These chip-select outputs can be routed through Port B. Each of them is
a function of up to four product terms of the PAD inputs.
CS4–CS7
These chip-select outputs can be routed through Port B. Each of them is
a function of up to two product terms of the PAD inputs.
CS8–CS10
These chip-select outputs can be routed through Port C. See Figure 4,
Note 3. Each of them is a function of one product term of the PAD inputs.
Table 4.
PSD3XX
PAD A and
PAD B
Functions
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com