Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-90LI Datasheet(PDF) 41 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 37Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 38Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 39Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 40Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 41Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 42Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 43Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 44Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
38
NOTES: 1. CMOS inputs: GND ± 0.3 V or VCC ± 0.3V.
2. TTL inputs: VIL ≤ 0.8 V, VIH ≥ 2.0 V.
3. IOUT = 0 mA.
4. CSI/A19 is high and the part is in a power-down configuration mode.
5. All other cases include CMiser = On and 16-bit bus mode and CMiser = Off and 8- or 16-bit bus mode.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VIH
High-Level Input Voltage
4.5 V < VCC > 5.5 V
2
VCC +.1
V
VIL
Low-Level Input Voltage
4.5 V < VCC > 5.5 V
– 0.5
0.8
V
IOH = – 20 µA, VCC = 4.5 V
4.4
4.49
V
VOH
Output High Voltage
IOH = – 2 mA, VCC = 4.5 V
2.4
3.9
V
Output Low Voltage
IOL = 20 µA, VCC = 4.5 V
0.01
0.1
V
VOL
(See Figure 16)
IOL = 8 mA, VCC = 4.5 V
0.15
0.45
V
ZPSD3XX
10
20
µA
ISB
Standby Supply Current
(Notes 1,4)
PSD3XX
Standby Supply Current
50
100
µA
ILI
Input Leakage Current
VSS < VIN > VCC
–1
±.1
1
µA
ILO
Output Leakage Current
.45 < VIN > VCC
–10
± 5
10
µA
ZPLD Turbo Mode = Off, f = 0 MHz
See ISB
µA
ZPSD3XX
ZPLD Turbo Mode = On, f = 0 MHz
0.5
1
mA/PT
Operating Suppy Current
EPROM, f = 0 MHz
0
0
µA
ICC (DC)
SRAM, f = 0 MHz
0
0
µA
(Note 3)
PLD, f = 0 MHz
0.5
1
mA/PT
PSD3XX
EPROM, f = 0 MHz
0
0
µA
Operating Supply Current
SRAM, f = 0 MHz
0
0
µA
ZPLD AC Base
See
1.0
mA/MHz
Fig. 14
EPROM Access
CMiser = On and 8-Bit Bus Mode
0.8
2.0
mA/MHz
ICC (AC)
AC Adder
All Other Cases (Note 5)
1.8
4.0
mA/MHz
(Note 3)
CMiser = On and 8-Bit Bus Mode
1.4
2.7
mA/MHz
SRAM Access
CMiser = On and 16-Bit Bus Mode
2
4
mA/MHz
AC Adder
CMiser = Off
3.8
7.5
mA/MHz
18.5 AC/DC Characteristics – PSD3XX/ZPSD3XX (All 5 V devices)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com