Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-90LI Datasheet(PDF) 20 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 16Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 17Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 18Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 19Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 20Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 21Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 22Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 23Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
NOTE: 1. The expression for CSADOUT2 must include the following write operation cycle signals:
For CRRWR = 0, CSADOUT2 must include WR = 0.
For CRRWR = 1, CSADOUT2 must include E = 1 and R/W = 0.
PSD3XX Family
17
INTERNAL
READ
CSADIN
INTERNAL
ALE
PA0 – PA7
A11– A15
A16 – A19
AD8– AD15
CSADOUT1
CSADOUT2
(1)
ALE or AS
AD0 –AD7
RD/E
WR or R / W
CONTROL
DECODER
LATCH
PAD
I
O
NOTE: 1. CMOS/OD determines whether the output is open drain or CMOS.
READ PIN
PORT A PIN
ENABLE
LATCHED
ADDR OUT
MCU
I/O
OUT
ADn/ Dn
READ DATA
WRITE DATA
ALE
READ DIR
WRITE DIR
RESET
CK
D
R
G
D
R
D
CK
R
CMOS / OD
(1)
I
N
T
E
R
N
A
L
A
D
D
R
/
D
A
T
A
B
U
S
A
D
0
/
A
D
7
DFF
LATCH
DIR
FF
CONTROL
MUX
10.2.2 Port A (PA0-PA7) in Non-Multiplexed Address/Data Mode
In this mode, Port A becomes the low-order data bus byte of the chip. When reading an
internal location, data is presented on Port A pins to the MCU. When writing to an internal
location, data present on Port A pins from the MCU is written to the desired location.
10.0
I/O Port
Functions
(cont.)
Figure 5A. Port A Pin Structure
Figure 5B. Port A Track Mode
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com