Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599DTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6599DTR
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599DTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6599DTR Datasheet HTML 13Page - STMicroelectronics L6599DTR Datasheet HTML 14Page - STMicroelectronics L6599DTR Datasheet HTML 15Page - STMicroelectronics L6599DTR Datasheet HTML 16Page - STMicroelectronics L6599DTR Datasheet HTML 17Page - STMicroelectronics L6599DTR Datasheet HTML 18Page - STMicroelectronics L6599DTR Datasheet HTML 19Page - STMicroelectronics L6599DTR Datasheet HTML 20Page - STMicroelectronics L6599DTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
L6599
Application information
17/36
After fixing CF in the hundred pF or in the nF (consistently with the maximum source
capability of the RFmin pin and trading this off against the total consumption of the device),
the value of RFmin and RFmax will be selected so that the oscillator frequency is able to
cover the entire range needed for regulation, from the minimum value fmin (at minimum input
voltage and maximum load) to the maximum value fmax (at maximum input voltage and
minimum load):
A different selection criterion will be given for RFmax in case burst-mode operation at no-load
will be used (see "Operation at no load or very light load" section).
Figure 23. Oscillator waveforms and their relationship with gate-driving signals
In Figure 23 the timing relationship between the oscillator waveform and the gate-drive
signals, as well as the swinging node of the half-bridge leg (HB) is shown. Note that the low-
side gate-drive is turned on while the oscillator's triangle is ramping up and the high-side
gate-drive is turned on while the triangle is ramping down. In this way, at start-up, or as the
IC resumes switching during burst-mode operation, the low-side MOSFET will be switched
on first to charge the bootstrap capacitor. As a result, the bootstrap capacitor will always be
charged and ready to supply the high-side floating driver.
RF
min
1
3CF f
min
⋅⋅
------------------------------
=
RF
max
RF
min
f
max
f
min
-----------
1
–
---------------------
=
CF
HVG
t
t
LVG
t
HB
t
TD
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com