Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599DTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6599DTR
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599DTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6599DTR Datasheet HTML 17Page - STMicroelectronics L6599DTR Datasheet HTML 18Page - STMicroelectronics L6599DTR Datasheet HTML 19Page - STMicroelectronics L6599DTR Datasheet HTML 20Page - STMicroelectronics L6599DTR Datasheet HTML 21Page - STMicroelectronics L6599DTR Datasheet HTML 22Page - STMicroelectronics L6599DTR Datasheet HTML 23Page - STMicroelectronics L6599DTR Datasheet HTML 24Page - STMicroelectronics L6599DTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
L6599
Application information
21/36
7.3
Soft-start
Generally speaking, purpose of soft-start is to progressively increase converter's power
capability when it is started up, so as to avoid excessive inrush current. In resonant
converters the deliverable power depends inversely on frequency, then soft- start is done by
sweeping the operating frequency from an initial high value until the control loop takes over.
With the L6599 converter's soft start-up is simply realized with the addition of an R-C series
circuit from pin 4 (RFmin) to ground (see Figure 28).
Initially, the capacitor CSS is totally discharged, so that the series resistor RSS is effectively
in parallel to RFmin and the resulting initial frequency is determined by RSS and RFmin only,
since the optocoupler's phototransistor is cut off (as long as the output voltage is not too far
away from the regulated value):
The CSS capacitor is progressively charged until its voltage reaches the reference voltage
(2V) and, consequently, the current through RSS goes to zero. This conventionally takes 5
time constants RSS·CSS but, before that time, the output voltage will have got close to the
regulated value and the feedback loop taken over, so that it will be the optocoupler's
phototransistor to determine the operating frequency from that moment onwards.
During this frequency sweep phase the operating frequency will decay following the
exponential charge of CSS, that is, initially it will change relatively quickly but the rate of
change will get slower and slower. This counteracts the non-linear frequency dependence
of the tank circuit that makes converter's power capability change little as frequency is away
from resonance and change very quickly as frequency approaches resonance frequency
(see Figure 29).
Figure 28. Soft-start circuit
f
start
1
3CF
R F
min
R
SS
||
()
()
⋅⋅
---------------------------------------------------------------
=
L6599
Css
4
1
RFmin
RFmin
RSS
CSS
| Z ( f ) |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com