Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M120CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40M120CT
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M120CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40M120CT Datasheet HTML 1Page - STMicroelectronics STPS40M120CT Datasheet HTML 2Page - STMicroelectronics STPS40M120CT Datasheet HTML 3Page - STMicroelectronics STPS40M120CT Datasheet HTML 4Page - STMicroelectronics STPS40M120CT Datasheet HTML 5Page - STMicroelectronics STPS40M120CT Datasheet HTML 6Page - STMicroelectronics STPS40M120CT Datasheet HTML 7Page - STMicroelectronics STPS40M120CT Datasheet HTML 8Page - STMicroelectronics STPS40M120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS40M120C
2/9
Doc ID 022916 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values per diode at Tamb = 25 °C, unless
otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5
Per diode
Tc = 130 °C
20
A
Per device
Tc = 120 °C
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
PARM
(1)
1.
For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application
notes AN1768, “Admissible avalanche power of schottky diodes” and AN2025, “Converter improvement
using Schottky rectifier avalanche specification”.
Repetitive peak avalanche power
Tj = 125 °C, tp = 10 µs
1600
W
VARM
(2)
2.
See Figure 9
Maximum repetitive peak
avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 10.7 A
150
V
VASM
(2)
Maximum single-pulse
peak avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 10.7 A
150
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
1.10
°C/W
Total
0.80
Rth(c)
Coupling
0.50
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com