Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M120CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40M120CT
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M120CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40M120CT Datasheet HTML 1Page - STMicroelectronics STPS40M120CT Datasheet HTML 2Page - STMicroelectronics STPS40M120CT Datasheet HTML 3Page - STMicroelectronics STPS40M120CT Datasheet HTML 4Page - STMicroelectronics STPS40M120CT Datasheet HTML 5Page - STMicroelectronics STPS40M120CT Datasheet HTML 6Page - STMicroelectronics STPS40M120CT Datasheet HTML 7Page - STMicroelectronics STPS40M120CT Datasheet HTML 8Page - STMicroelectronics STPS40M120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS40M120C
4/9
Doc ID 022916 Rev 1
Figure 6.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
1020
30405060
70
8090
100
110
120
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
I (mA)
R
V (V)
R
100
1000
10000
1
10
100
1000
F=1MHz
Vosc =30mVRMS
Tj=25°C
C(pF)
V (V)
R
Figure 8.
Forward voltage drop versus
forward current (per diode)
Figure 9.
Reverse safe operating area
(tp < 10 µs and Tj < 125 °C)
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
I
(A)
FM
V
(V)
FM
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
120
130
140
150
160
170
I
(A)
arm
V
(V)
arm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com