Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M120CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40M120CT
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M120CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40M120CT Datasheet HTML 1Page - STMicroelectronics STPS40M120CT Datasheet HTML 2Page - STMicroelectronics STPS40M120CT Datasheet HTML 3Page - STMicroelectronics STPS40M120CT Datasheet HTML 4Page - STMicroelectronics STPS40M120CT Datasheet HTML 5Page - STMicroelectronics STPS40M120CT Datasheet HTML 6Page - STMicroelectronics STPS40M120CT Datasheet HTML 7Page - STMicroelectronics STPS40M120CT Datasheet HTML 8Page - STMicroelectronics STPS40M120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2012
Doc ID 022916 Rev 1
1/9
9
STPS40M120C
Power Schottky rectifier
Datasheet
− production data
Features
■
High current capability
■
Avalanche rated
■
Low forward voltage drop
■
High frequency operation
Description
This Schottky diode is suited for high frequency
switch mode power supply.
Packaged in TO-220AB, TO-220AB narrow leads
and I2PAK, this device is intended to be used in
notebook, game station and desktop adapters,
providing in these applications a good efficiency
at both low and high load.
Figure 1.
Electrical characteristics(a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 9. VAR and IAR are
pulse measurements (tp < 10 µs). VR, IR, VRRM and
VF, are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
120 V
Tj (max)
150 °C
VF (typ)
0.44 V
A1
K
A2
I2PAK
STPS40M120CR
TO-220AB narrow leads
STPS40M120CTN
A1
A2
K
K
TO-220AB
STPS40M120CT
A1
A2
K
K
K
A1
K
A2
www.st.com


Similar Part No. - STPS40M120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M120C STMICROELECTRONICS-STPS40M120C Datasheet
177Kb / 9P
Power Schottky rectifier
02-Apr-2012
More results

Similar Description - STPS40M120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com