Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4502AC Datasheet(PDF) 3 Page - Analog Power

Part # AM4502AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4502AC Datasheet(HTML) 3 Page - Analog Power

  AM4502AC Datasheet HTML 1Page - Analog Power AM4502AC Datasheet HTML 2Page - Analog Power AM4502AC Datasheet HTML 3Page - Analog Power AM4502AC Datasheet HTML 4Page - Analog Power AM4502AC Datasheet HTML 5Page - Analog Power AM4502AC Datasheet HTML 6Page - Analog Power AM4502AC Datasheet HTML 7Page - Analog Power AM4502AC Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AM4502AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4502A_G
Typical Electrical Characteristics (P-Channel)
Figure 3. On-Resistance Variation with Temperature
Figure 5. Transfer Characteristics
Figure 2. On-Resistance with Drain Current
Figure 4. On-Resistance Variation with
Gate to Source Voltage
0.1
1
10
10 0
0
0 .2
0 .4
0 .6
0 .8
1
1 .2
VSD Source to Drain Voltage (V)
TJ = 150C
TJ = 25C
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature
0
10
20
30
40
50
00 .5
11.5
22 .533 .5
4
VDS (V)
3.5
3
4 V
4.5 V
5 Vthr ough 10 V
Figure 1. On-Region Characteristics
0
0.0 0 8
0.0 16
0.0 2 4
0.0 3 2
0.0 4
0
10
2 0
3 04 050
ID Drain Current (A)
VGS=10V
VGS=4.5V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ Juncatio n Temp erature (C)
VGS = 10V
ID = 8.5A
0
0.0 1
0.0 2
0.0 3
0.0 4
0.0 5
0.0 6
02
46
8
1 0
VGS Gate to Source Voltage (V)
0
10
20
30
40
50
60
0
1
23
45
6
VGS Gate to So urce Vo ltage (V)
25C
125C
-55C
VD=VG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com