Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4502AC Datasheet(PDF) 4 Page - Analog Power

Part # AM4502AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4502AC Datasheet(HTML) 4 Page - Analog Power

  AM4502AC Datasheet HTML 1Page - Analog Power AM4502AC Datasheet HTML 2Page - Analog Power AM4502AC Datasheet HTML 3Page - Analog Power AM4502AC Datasheet HTML 4Page - Analog Power AM4502AC Datasheet HTML 5Page - Analog Power AM4502AC Datasheet HTML 6Page - Analog Power AM4502AC Datasheet HTML 7Page - Analog Power AM4502AC Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AM4502AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4502A_G
Typical Electrical Characteristics (P-Channel)
Figure 11. Transient Thermal Response Curve
0
500
1000
1500
2000
0
5
10
15
20
VDS (V)
Ciss
Coss
Crss
Figure 8. Capacitance Characteristics
0
5
10
15
20
25
30
35
40
45
50
0.001
0.1
10
1000
TIME(S)
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
.02
.05
.1
.2
.5
P DM
t 1
t2
1. Duty Cyc al D = t1/t2
2. P er Unit Ba s e RθJA
=70C /W
3. TJM - TA = P DM Zθjc
4. Sure fa ce Mo unted
Square Wave Pulse Duration (S)
0
2
4
6
8
10
0
5
10
15
20
25
30
QG, T otal Gate Charge (nC)
VD= 10V
ID= 8.5A
Figure 7. Gate Charge Characteristics
0.0 1
0.1
1
10
10 0
0.1
1
1 0
1 00
VDS Drain to Source Voltage (V)
10 uS
100 uS
1m S
10m S
100m S
1
10S
100S
DC
ID
limited
RDS(ON)
Figure 9. Maximum Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com