Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4502AC Datasheet(PDF) 6 Page - Analog Power

Part # AM4502AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4502AC Datasheet(HTML) 6 Page - Analog Power

  AM4502AC Datasheet HTML 1Page - Analog Power AM4502AC Datasheet HTML 2Page - Analog Power AM4502AC Datasheet HTML 3Page - Analog Power AM4502AC Datasheet HTML 4Page - Analog Power AM4502AC Datasheet HTML 5Page - Analog Power AM4502AC Datasheet HTML 6Page - Analog Power AM4502AC Datasheet HTML 7Page - Analog Power AM4502AC Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
AM4502AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4502A_G
Typical Electrical Characteristics (N-Channel)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Single Pulse Power
Threshold Voltage
Source-Drain Diode Forward Voltage
On-Resistance vs.Gate-to Source Voltage
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TA = 125
oC
25
oC
0.01
0.02
0.03
0.04
0.05
0.06
0.07
22.533.544.5
5
VGS - Gate-to-Source Voltage (V)
TA = 25
oC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ - Temperature (
oC)
ID = 250µA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Time (sec)
SINGLE PULSE
RθJA = 250°C/W
TA = 25°C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Puls e Duration (s e c)
RθJA(t) = r(t) +
RθJA
RθJA = 250 °C/W
T
J - TA = P *
RθJA(t)
Duty Cycle, D = t
1
/t
P(pk
t
1
t
2
SINGLEPULSE
0.01
0.02
0.05
0.1
0.2
D =0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com