Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB137ACV Datasheet(PDF) 7 Page - STMicroelectronics

Part # PB137ACV
Description  Positive voltage regulator for battery charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137ACV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PB137ACV Datasheet HTML 3Page - STMicroelectronics PB137ACV Datasheet HTML 4Page - STMicroelectronics PB137ACV Datasheet HTML 5Page - STMicroelectronics PB137ACV Datasheet HTML 6Page - STMicroelectronics PB137ACV Datasheet HTML 7Page - STMicroelectronics PB137ACV Datasheet HTML 8Page - STMicroelectronics PB137ACV Datasheet HTML 9Page - STMicroelectronics PB137ACV Datasheet HTML 10Page - STMicroelectronics PB137ACV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PB137
Electrical characteristics
Doc ID 6278 Rev 5
7/14
5
Electrical characteristics
Refer to the test circuits, VI = 18 V, IO = 500 mA, TJ = 0 to 150 °C, CO = 10 µF unless
otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
13.56
13.7
13.84
V
13.43
13.7
13.97
ΔV
O
Line regulation
VI = 16 to 28.7 V, TJ = 25 °C
60
150
mV
ΔV
O
Load regulation
IO = 5 to 1500 mA, TJ = 25 °C
65
100
mV
Id
Quiescent current
TJ = 25 °C
4
8
mA
ΔI
d
Delta quiescent current vs.
line
VI = 16 to 28.7 V
4
mA
ΔI
d
Delta quiescent current vs.
load
IO = 5 to 1000 mA
1.2
mA
Vd
Dropout voltage
IO = 1 A, TJ = 25 °C
2.1
2.6
V
Isc
Short circuit current
VI - VO = 5 V, TJ = 25 °C
2.2
A
eN
Output noise voltage
B = 10 Hz to 10 kHz, TJ = 25 °C
300
µVrms
SVR
Supply voltage rejection
f = 120 Hz, TJ = 25 °C
58
dB
IREV
Reverse leakage current
VO = 13.7 V, VI = floating, TJ = 0 to 40 °C
0.1
10
µA
S
Long term stability
TJ = 125 °C, 1000 Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com