Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB137ACV Datasheet(PDF) 1 Page - STMicroelectronics

Part # PB137ACV
Description  Positive voltage regulator for battery charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137ACV Datasheet(HTML) 1 Page - STMicroelectronics

  PB137ACV Datasheet HTML 1Page - STMicroelectronics PB137ACV Datasheet HTML 2Page - STMicroelectronics PB137ACV Datasheet HTML 3Page - STMicroelectronics PB137ACV Datasheet HTML 4Page - STMicroelectronics PB137ACV Datasheet HTML 5Page - STMicroelectronics PB137ACV Datasheet HTML 6Page - STMicroelectronics PB137ACV Datasheet HTML 7Page - STMicroelectronics PB137ACV Datasheet HTML 8Page - STMicroelectronics PB137ACV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2010
Doc ID 6278 Rev 5
1/14
14
PB137
Positive voltage regulator for battery charger
Features
■ Reverse leakage current less than 10 µA
■ Three terminal fixed version (13.7 V) output
current in excess of 1.5 A
■ Available in ± 1 % (AC) selection at 25 °C
■ Typical dropout voltage 2 V
■ Temperature range 0 to 150 °C
Description
The PB137 is a positive voltage regulator able to
provide 1.5 A, at VO = 13.7 V and is intended as a
charger for lead acid battery. The main feature is
a reverse leakage current (Max 10 µA at TJ = 0 to
40 °C VI = floating and VO = 13.7 V). It is available
in TO-220 and it employs internal current limiting,
thermal shut-down and safe area protection,
making it essentially indestructible. If adequate
heat-sinking is provided, they can deliver over 1 A
output current.
TO-220
Table 1.
Device summary
Order code
Package
Output voltage
PB137ACV
TO-220
1.5 V
www.st.com


Similar Part No. - PB137ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
Dec-1998
PB137 STMICROELECTRONICS-PB137 Datasheet
270Kb / 8P
POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
Jun-2003
PB137 STMICROELECTRONICS-PB137_03 Datasheet
270Kb / 8P
POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
Jun-2003
More results

Similar Description - PB137ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
Dec-1998
logo
Advanced Analogic Techn...
AAT2557 ANALOGICTECH-AAT2557 Datasheet
556Kb / 22P
500mA Battery Charger and 300mA LDO Regulator for Portable Systems
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137_03 Datasheet
270Kb / 8P
POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
Jun-2003
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
logo
ON Semiconductor
NCP1871 ONSEMI-NCP1871 Datasheet
386Kb / 27P
Narrow Voltage DC Battery Charger
June, 2016 ??Rev. 0
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
IC for Battery Charger
2014-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com